Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCIMX6QP4EVT2AB Datasheet(PDF) 148 Page - NXP Semiconductors

Part # SCIMX6QP4EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6QP4EVT2AB Datasheet(HTML) 148 Page - NXP Semiconductors

Back Button SCIMX6QP4EVT2AB Datasheet HTML 144Page - NXP Semiconductors SCIMX6QP4EVT2AB Datasheet HTML 145Page - NXP Semiconductors SCIMX6QP4EVT2AB Datasheet HTML 146Page - NXP Semiconductors SCIMX6QP4EVT2AB Datasheet HTML 147Page - NXP Semiconductors SCIMX6QP4EVT2AB Datasheet HTML 148Page - NXP Semiconductors SCIMX6QP4EVT2AB Datasheet HTML 149Page - NXP Semiconductors SCIMX6QP4EVT2AB Datasheet HTML 150Page - NXP Semiconductors SCIMX6QP4EVT2AB Datasheet HTML 151Page - NXP Semiconductors SCIMX6QP4EVT2AB Datasheet HTML 152Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 166 page
background image
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
148
NXP Semiconductors
Package Information and Contact Assignments
DISP0_DAT14
U25
NVCC_LCD
GPIO
ALT5
GPIO5_IO08
Input
PU (100K)
DISP0_DAT15
T22
NVCC_LCD
GPIO
ALT5
GPIO5_IO09
Input
PU (100K)
DISP0_DAT16
T21
NVCC_LCD
GPIO
ALT5
GPIO5_IO10
Input
PU (100K)
DISP0_DAT17
U24
NVCC_LCD
GPIO
ALT5
GPIO5_IO11
Input
PU (100K)
DISP0_DAT18
V25
NVCC_LCD
GPIO
ALT5
GPIO5_IO12
Input
PU (100K)
DISP0_DAT19
U23
NVCC_LCD
GPIO
ALT5
GPIO5_IO13
Input
PU (100K)
DISP0_DAT2
P23
NVCC_LCD
GPIO
ALT5
GPIO4_IO23
Input
PU (100K)
DISP0_DAT20
U22
NVCC_LCD
GPIO
ALT5
GPIO5_IO14
Input
PU (100K)
DISP0_DAT21
T20
NVCC_LCD
GPIO
ALT5
GPIO5_IO15
Input
PU (100K)
DISP0_DAT22
V24
NVCC_LCD
GPIO
ALT5
GPIO5_IO16
Input
PU (100K)
DISP0_DAT23
W24
NVCC_LCD
GPIO
ALT5
GPIO5_IO17
Input
PU (100K)
DISP0_DAT3
P21
NVCC_LCD
GPIO
ALT5
GPIO4_IO24
Input
PU (100K)
DISP0_DAT4
P20
NVCC_LCD
GPIO
ALT5
GPIO4_IO25
Input
PU (100K)
DISP0_DAT5
R25
NVCC_LCD
GPIO
ALT5
GPIO4_IO26
Input
PU (100K)
DISP0_DAT6
R23
NVCC_LCD
GPIO
ALT5
GPIO4_IO27
Input
PU (100K)
DISP0_DAT7
R24
NVCC_LCD
GPIO
ALT5
GPIO4_IO28
Input
PU (100K)
DISP0_DAT8
R22
NVCC_LCD
GPIO
ALT5
GPIO4_IO29
Input
PU (100K)
DISP0_DAT9
T25
NVCC_LCD
GPIO
ALT5
GPIO4_IO30
Input
PU (100K)
DRAM_A0
AC14
NVCC_DRAM
DDR
ALT0
DRAM_ADDR00
Output
0
DRAM_A1
AB14
NVCC_DRAM
DDR
ALT0
DRAM_ADDR01
Output
0
DRAM_A10
AA15
NVCC_DRAM
DDR
ALT0
DRAM_ADDR10
Output
0
DRAM_A11
AC12
NVCC_DRAM
DDR
ALT0
DRAM_ADDR11
Output
0
DRAM_A12
AD12
NVCC_DRAM
DDR
ALT0
DRAM_ADDR12
Output
0
DRAM_A13
AC17
NVCC_DRAM
DDR
ALT0
DRAM_ADDR13
Output
0
DRAM_A14
AA12
NVCC_DRAM
DDR
ALT0
DRAM_ADDR14
Output
0
DRAM_A15
Y12
NVCC_DRAM
DDR
ALT0
DRAM_ADDR15
Output
0
DRAM_A2
AA14
NVCC_DRAM
DDR
ALT0
DRAM_ADDR02
Output
0
DRAM_A3
Y14
NVCC_DRAM
DDR
ALT0
DRAM_ADDR03
Output
0
DRAM_A4
W14
NVCC_DRAM
DDR
ALT0
DRAM_ADDR04
Output
0
DRAM_A5
AE13
NVCC_DRAM
DDR
ALT0
DRAM_ADDR05
Output
0
DRAM_A6
AC13
NVCC_DRAM
DDR
ALT0
DRAM_ADDR06
Output
0
DRAM_A7
Y13
NVCC_DRAM
DDR
ALT0
DRAM_ADDR07
Output
0
DRAM_A8
AB13
NVCC_DRAM
DDR
ALT0
DRAM_ADDR08
Output
0
DRAM_A9
AE12
NVCC_DRAM
DDR
ALT0
DRAM_ADDR09
Output
0
DRAM_CAS
AE16
NVCC_DRAM
DDR
ALT0
DRAM_CAS_B
Output
0
DRAM_CS0
Y16
NVCC_DRAM
DDR
ALT0
DRAM_CS0_B
Output
0
Table 96. 21 x 21 mm Functional Contact Assignments (continued)
Ball Name
Ball
Power Group
Ball Type
Out of Reset Condition1
Default
Mode
(Reset
Mode)
Default Function
(Signal Name)
Input/Output
Value2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com