Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCIMX6QP4EVT2AB Datasheet(PDF) 152 Page - NXP Semiconductors

Part # SCIMX6QP4EVT2AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6QP4EVT2AB Datasheet(HTML) 152 Page - NXP Semiconductors

Back Button SCIMX6QP4EVT2AB Datasheet HTML 148Page - NXP Semiconductors SCIMX6QP4EVT2AB Datasheet HTML 149Page - NXP Semiconductors SCIMX6QP4EVT2AB Datasheet HTML 150Page - NXP Semiconductors SCIMX6QP4EVT2AB Datasheet HTML 151Page - NXP Semiconductors SCIMX6QP4EVT2AB Datasheet HTML 152Page - NXP Semiconductors SCIMX6QP4EVT2AB Datasheet HTML 153Page - NXP Semiconductors SCIMX6QP4EVT2AB Datasheet HTML 154Page - NXP Semiconductors SCIMX6QP4EVT2AB Datasheet HTML 155Page - NXP Semiconductors SCIMX6QP4EVT2AB Datasheet HTML 156Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 166 page
background image
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
152
NXP Semiconductors
Package Information and Contact Assignments
DSI_D1P
H1
NVCC_MIPI
—
—
DSI_DATA1_P
—
—
EIM_A16
H25
NVCC_EIM1
GPIO
ALT0
EIM_ADDR16
Output
0
EIM_A17
G24
NVCC_EIM1
GPIO
ALT0
EIM_ADDR17
Output
0
EIM_A18
J22
NVCC_EIM1
GPIO
ALT0
EIM_ADDR18
Output
0
EIM_A19
G25
NVCC_EIM1
GPIO
ALT0
EIM_ADDR19
Output
0
EIM_A20
H22
NVCC_EIM1
GPIO
ALT0
EIM_ADDR20
Output
0
EIM_A21
H23
NVCC_EIM1
GPIO
ALT0
EIM_ADDR21
Output
0
EIM_A22
F24
NVCC_EIM1
GPIO
ALT0
EIM_ADDR22
Output
0
EIM_A23
J21
NVCC_EIM1
GPIO
ALT0
EIM_ADDR23
Output
0
EIM_A24
F25
NVCC_EIM1
GPIO
ALT0
EIM_ADDR24
Output
0
EIM_A25
H19
NVCC_EIM0
GPIO
ALT0
EIM_ADDR25
Output
0
EIM_BCLK
N22
NVCC_EIM2
GPIO
ALT0
EIM_BCLK
Output
0
EIM_CS0
H24
NVCC_EIM1
GPIO
ALT0
EIM_CS0_B
Output
1
EIM_CS1
J23
NVCC_EIM1
GPIO
ALT0
EIM_CS1_B
Output
1
EIM_D16
C25
NVCC_EIM0
GPIO
ALT5
GPIO3_IO16
Input
PU (100K)
EIM_D17
F21
NVCC_EIM0
GPIO
ALT5
GPIO3_IO17
Input
PU (100K)
EIM_D18
D24
NVCC_EIM0
GPIO
ALT5
GPIO3_IO18
Input
PU (100K)
EIM_D19
G21
NVCC_EIM0
GPIO
ALT5
GPIO3_IO19
Input
PU (100K)
EIM_D20
G20
NVCC_EIM0
GPIO
ALT5
GPIO3_IO20
Input
PU (100K)
EIM_D21
H20
NVCC_EIM0
GPIO
ALT5
GPIO3_IO21
Input
PU (100K)
EIM_D22
E23
NVCC_EIM0
GPIO
ALT5
GPIO3_IO22
Input
PD (100K)
EIM_D23
D25
NVCC_EIM0
GPIO
ALT5
GPIO3_IO23
Input
PU (100K)
EIM_D24
F22
NVCC_EIM0
GPIO
ALT5
GPIO3_IO24
Input
PU (100K)
EIM_D25
G22
NVCC_EIM0
GPIO
ALT5
GPIO3_IO25
Input
PU (100K)
EIM_D26
E24
NVCC_EIM0
GPIO
ALT5
GPIO3_IO26
Input
PU (100K)
EIM_D27
E25
NVCC_EIM0
GPIO
ALT5
GPIO3_IO27
Input
PU (100K)
EIM_D28
G23
NVCC_EIM0
GPIO
ALT5
GPIO3_IO28
Input
PU (100K)
EIM_D29
J19
NVCC_EIM0
GPIO
ALT5
GPIO3_IO29
Input
PU (100K)
EIM_D30
J20
NVCC_EIM0
GPIO
ALT5
GPIO3_IO30
Input
PU (100K)
EIM_D31
H21
NVCC_EIM0
GPIO
ALT5
GPIO3_IO31
Input
PD (100K)
EIM_DA0
L20
NVCC_EIM2
GPIO
ALT0
EIM_AD00
Input
PU (100K)
EIM_DA1
J25
NVCC_EIM2
GPIO
ALT0
EIM_AD01
Input
PU (100K)
EIM_DA2
L21
NVCC_EIM2
GPIO
ALT0
EIM_AD02
Input
PU (100K)
EIM_DA3
K24
NVCC_EIM2
GPIO
ALT0
EIM_AD03
Input
PU (100K)
EIM_DA4
L22
NVCC_EIM2
GPIO
ALT0
EIM_AD04
Input
PU (100K)
EIM_DA5
L23
NVCC_EIM2
GPIO
ALT0
EIM_AD05
Input
PU (100K)
Table 96. 21 x 21 mm Functional Contact Assignments (continued)
Ball Name
Ball
Power Group
Ball Type
Out of Reset Condition1
Default
Mode
(Reset
Mode)
Default Function
(Signal Name)
Input/Output
Value2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com