Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17113 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX17113
Description  Low-Cost, Multiple-Output Power Supply for LCD TVs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17113 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX17113 Datasheet HTML 17Page - Maxim Integrated Products MAX17113 Datasheet HTML 18Page - Maxim Integrated Products MAX17113 Datasheet HTML 19Page - Maxim Integrated Products MAX17113 Datasheet HTML 20Page - Maxim Integrated Products MAX17113 Datasheet HTML 21Page - Maxim Integrated Products MAX17113 Datasheet HTML 22Page - Maxim Integrated Products MAX17113 Datasheet HTML 23Page - Maxim Integrated Products MAX17113 Datasheet HTML 24Page - Maxim Integrated Products MAX17113 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Low-Cost, Multiple-Output
Power Supply for LCD TVs
______________________________________________________________________________________
21
High-Voltage Switch Control
The MAX17113’s high-voltage switch control block
(Figure 5) consists of two high-voltage p-channel
MOSFETs: Q1, between SRC and GON and Q2, between
GON and DRN. The switch control block is enabled when
VDLP exceeds VREF. Q1 and Q2 are controlled by CTL
and MODE. There are two different modes of operation
(see the
Typical Operating Characteristics).
Select the first mode by connecting MODE to VL. When
CTL is logic-high, Q1 turns on and Q2 turns off, con-
necting GON to SRC. When CTL is logic-low, Q1 turns
off and Q2 turns on, connecting GON to DRN. GON
can then be discharged through a resistor connected
between DRN and GND or AVDD. Q2 turns off and
stops discharging GON when VGON reaches 10 times
the voltage on THR.
MODE
CTL
DLP
SRC
GON
DRN
VREF
SUI DONE
8
μA
REF
Q1
Q4
Q3
R
2R
R
50
μA
SWITCH CONTROL
THR
9R
R
VL
VL /2
1.25k
Ω
SHDN
FAULT
Q5
MAX17113
6k
Ω
Q2
Figure 5. Switch Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com