Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17113 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17113
Description  Low-Cost, Multiple-Output Power Supply for LCD TVs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17113 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17113 Datasheet HTML 1Page - Maxim Integrated Products MAX17113 Datasheet HTML 2Page - Maxim Integrated Products MAX17113 Datasheet HTML 3Page - Maxim Integrated Products MAX17113 Datasheet HTML 4Page - Maxim Integrated Products MAX17113 Datasheet HTML 5Page - Maxim Integrated Products MAX17113 Datasheet HTML 6Page - Maxim Integrated Products MAX17113 Datasheet HTML 7Page - Maxim Integrated Products MAX17113 Datasheet HTML 8Page - Maxim Integrated Products MAX17113 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Low-Cost, Multiple-Output
Power Supply for LCD TVs
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, VVIN = VIN2 = 12V, TA = 0°C to +85°C. Typical values are at TA = +25°C, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
STEP-UP REGULATOR
Output-Voltage Range
VVIN
18
V
Minimum tON
70
100
ns
TA = +25°C
1.2375
1.250
1.2625
FB1 Regulation Voltage
FB1 = COMP,
CCOMP = 1mF
0°C < TA < +85°C
1.225
1.275
V
FB1 Fault Threshold
FB rising, hysteresis = 12mV
0.96
1.0
1.06
V
FB1 UVLO Threshold
0.05
0.125
0.2
V
FB1 Load Regulation
0A < ILOAD < full
0.5
%
FB1 Line Regulation
10.8V < VIN < 13.2V
0.08
0.15
%/V
FB1 Input Bias Current
VFB1 = 1.25V
20
125
300
nA
FB1 Transconductance
ΔI = ±2.5μA at COMP, FB1 = COMP
125
320
600
μS
FB1 Voltage Gain
FB1 to COMP
1400
V/V
LX1 Leakage Current
VFB1 = 1.5V, VLX1 = 20V
10
25
μA
LX1 Current Limit
VFB1 = 1.1V, duty cycle = 25%
2.8
3.3
3.8
A
Current-Sense Transresistance
0.1
0.2
0.30
V/A
LX1 On-Resistance
80
200
m
Ω
Soft-Start Period
10
ms
Soft-Start Step Size
ILIM/
128
A
POSITIVE AND NEGATIVE CHARGE-PUMP REGULATORS
0°C < TA < +85°C
1.23
1.25
1.27
FBP Regulation Voltage
TA = +25°C
1.2375
1.2625
V
FBP Line-Regulation Error
11V < VSUP < 16V, not in dropout
0.01
0.2
%/V
FBP Input Bias Current
VFBP = 1.5V, TA = +25°C
-50
+50
nA
DRVP p-Channel MOSFET
On-Resistance
2.0
4.0
Ω
DRVP n-Channel MOSFET
On-Resistance
0.8
1.5
Ω
FBP Fault Trip Level
Falling edge
0.96
1.02
1.08
V
Positive Charge-Pump Soft-Start Period
3.3
ms
Positive Charge-Pump
Soft-Start Step Size
VREF/
128
V
0°C < TA < +85°C
0.985
1.000
1.015
FBN Regulation Voltage
VREF – VFBN
TA = +25°C
0.99
1.00
1.01
V
FBN Input Bias Current
VFBN = 250mV, TA = +25°C
-50
+50
nA
FBN Line Regulation Error
11V < VSUP < 16V, not in dropout
0.01
0.2
%/V
DRVN p-Channel On-Resistance
2.0
4.0
Ω
DRVN n-Channel On-Resistance
0.8
1.5
Ω
FBN Fault Trip Level
Rising edge
450
500
550
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com