Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS7152A Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS7152A
Description  Spread Spectrum Clock Generator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS7152A Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS7152A Datasheet HTML 1Page - Integrated Circuit Systems ICS7152A Datasheet HTML 2Page - Integrated Circuit Systems ICS7152A Datasheet HTML 3Page - Integrated Circuit Systems ICS7152A Datasheet HTML 4Page - Integrated Circuit Systems ICS7152A Datasheet HTML 5Page - Integrated Circuit Systems ICS7152A Datasheet HTML 6Page - Integrated Circuit Systems ICS7152A Datasheet HTML 7Page - Integrated Circuit Systems ICS7152A Datasheet HTML 8Page - Integrated Circuit Systems ICS7152A Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
ICS7152A
MDS 7152A A
1
Revision 102005
Integrated Circuit Systems, Inc.
525 Race Street, San Jose, CA 95126 tel (408) 297-1201 www.icst.com
Spread Spectrum Clock Generator
Description
The ICS7152A-02 and -11 are clock generators for EMI
(Electromagnetic Interference) reduction (see below for
frequency ranges and multiplier ratios). Spectral peaks
are attenuated by modulating the system clock
frequency. Down or center spread profiles are
selectable. Down spread will not exceed the maximum
frequency of an unspread clock, and center spread
does not change the average operating frequency of
the system
ICS offers many other clocks for computers and
computer peripherals. Consult ICS when you need to
remove crystals and oscillators from your board.
Features
Operating voltage of 3.3 V ±0.3 V
Packaged in 8-pin SOIC
Input frequency range of 16.6 to 134.0 MHz
Output frequency range of 16.6 to 134.0 MHz
Provides a spread spectrum clock output (±0.5%,
±1.5% center spread; -1.0%, -3.0% down spread)
Low cycle-to-cycle jitter - less than 100 ps
Advanced, low-power CMOS process
Industrial and commercial temperature ranges
Available in Pb (lead) free package
Pin compatible with Fujitsu MB88152-102 and -111
Block Diagram
Product Lineup
Product
Input Frequency Range
Modulation Type
Modulation Enable Pin
ICS7152AM-02, ICS7152AMI-02
40.0 MHz to 134.0 MHz
Down spread
Yes
ICS7152AM-11, ICS7152AMI-11
16.6 MHz to 67.0 MHz
Center spread
PLL Clock
Synthesis
and Spread
Spectrum
Circuitry
SEL
FREQ
CKOUT
GND
VDD
Clock Buffer/
Crystal
Ocsillator
XIN
XOUT
External caps required with crystal for
accurate tuning of the clock
XENS


Similar Part No. - ICS7152A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS7152A RENESAS-ICS7152A Datasheet
363Kb / 12P
SPREAD SPECTRUM CLOCK GENERATOR
051310
ICS7152AM-02 RENESAS-ICS7152AM-02 Datasheet
363Kb / 12P
SPREAD SPECTRUM CLOCK GENERATOR
051310
ICS7152AM-11 RENESAS-ICS7152AM-11 Datasheet
363Kb / 12P
SPREAD SPECTRUM CLOCK GENERATOR
051310
ICS7152AMI-02 RENESAS-ICS7152AMI-02 Datasheet
363Kb / 12P
SPREAD SPECTRUM CLOCK GENERATOR
051310
ICS7152AMI-11 RENESAS-ICS7152AMI-11 Datasheet
363Kb / 12P
SPREAD SPECTRUM CLOCK GENERATOR
051310
More results

Similar Description - ICS7152A

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
Spread Spectrum Clock Generator
logo
fujitsu semiconductor
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
Spread Spectrum Clock Generator
MB88154 FUJITSU-MB88154 Datasheet
151Kb / 18P
Spread Spectrum Clock Generator
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
Spread Spectrum Clock Generator
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
Spread Spectrum Clock Generator
logo
fujitsu semiconductor
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
SPREAD SPECTRUM CLOCK GENERATOR
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com