Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN6541 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AN6541
Description  3-pin Positive Voltage Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN6541 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AN6541 Datasheet HTML 1Page - Panasonic Semiconductor AN6541 Datasheet HTML 2Page - Panasonic Semiconductor AN6541 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
s Characteristics Curve
VCC
PD
Topr
Tstg
Supply voltage
Power dissipation
Operating ambient temperature
Storage temperature
V
W
˚C
˚C
Parameter
Symbol
Rating
Unit
s Absolute Maximum Ratings (Ta=25˚C)
20
15
–30 to+80
–40 to+150
Parameter
Symbol
Condition
min
typ
max
Unit
Output voltage
8.6
VO
9.4
V
9.0
VI=13.2V, IO=200mA
Bias current
Ibias
50
mA
25
VI=13.2V, IO=200mA
Load regulation
REGL
±50
mV
VI=13.2V, IO=0 to 200mA
Line regulation
REGIN
±50
mV
VI=10 to 16V, IO=100mA
VI=13.2V, IO=100mA,
Topr=–30 to+80˚C
VI=8.5V, IO=100mA
VI=13.2V, IO=100mA,
f=100Hz, ein=1VP–P
Output voltage temperature coefficient
∆V
O/Ta
%/˚C
±0.01
Minimum input output voltage difference
VDIF (min.)
0.6
V
0.4
Ripple rejection ratio
45
Regin
dB
Maximum output current
300
IO (max.)
mA
VI=13.2V
Output short current
50
IOS
250
mA
VI=13.2V
600
s Electrical Characteristics (Ta=25˚C)
9.2
9.1
9.0
8.9
8.8
8.7
8.6
8.5
8.4
0
0.1
0.2
0.3
0.4
0.5
0.6
Input/Output Voltage Difference VDIF (V)
VO –VDIF
IO=0mA
100mA
200mA
20
18
16
14
12
10
8
6
4
2
0
0
20
40
60
80 100 120 140 160
Ambient Temperature Ta (˚C)
PD –Ta
Infinite Heat Sink
15˚C/W
Heat
Sink
Without
heat Sink
Input Voltage VI (V)
VO –VI
9.2
9.1
9.0
8.9
8.8
8.7
8.6
8.5
8.4
6
8
10
12
14
16
18
Rth (j–c)=5.0˚C/W (max.)
Rth (j–a)=65.0˚C/W (max.)
200mA
100mA
IO=0mA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com