Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS16859 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS16859
Description  DDR 13-Bit to 26-Bit Registered Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS16859 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS16859 Datasheet HTML 1Page - Integrated Circuit Systems ICS16859 Datasheet HTML 2Page - Integrated Circuit Systems ICS16859 Datasheet HTML 3Page - Integrated Circuit Systems ICS16859 Datasheet HTML 4Page - Integrated Circuit Systems ICS16859 Datasheet HTML 5Page - Integrated Circuit Systems ICS16859 Datasheet HTML 6Page - Integrated Circuit Systems ICS16859 Datasheet HTML 7Page - Integrated Circuit Systems ICS16859 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Integrated
Circuit
Systems, Inc.
ICSSSTV16859
0003G—05/21/02
Recommended Applications:
• DDR Memory Modules
• Provides complete DDR DIMM logic solution with
ICS93V857 or ICS95V857
• SSTL_2 compatible data registers
Product Features:
• Differential clock signals
• Meets SSTL_2 signal data
• Supports SSTL_2 class II specifications on outputs
• Low-voltage operation
- VDD = 2.3V to 2.7V
• Available in 64 pin TSSOP and 56 pin VFQFN (MLF2)
packages
DDR 13-Bit to 26-Bit Registered Buffer
Truth Table
1
Block Diagram
Notes:
1.
H = "High" Signal Level
L = "Low" Signal Level
↑ = Transition "Low"-to-"High"
↓ = Transition "High"-to-"Low"
X = Don't Care
2.
Output level before the indicated steady state
input conditions were established.
s
t
u
p
n
Is
t
u
p
t
u
O
Q
#
T
E
S
E
RK
L
C#
K
L
CD
Q
L
r
o
X
g
n
i
t
a
o
l
F
r
o
X
g
n
i
t
a
o
l
F
r
o
X
g
n
i
t
a
o
l
F
L
H-
¯
H
H
H-
¯
L
L
HH
r
o
LH
r
o
LX
Q0 )
2
(
56 pin VFQFN (MLF2)
Pin Configurations
64-Pin TSSOP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
Q13A
Q12A
Q11A
Q10A
Q9A
VDDQ
GND
Q8A
Q7A
Q6A
Q5A
Q4A
Q3A
Q2A
GND
Q1A
Q13B
VDDQ
Q12B
Q11B
Q10B
Q9B
Q8B
Q7B
Q6B
GND
VDDQ
Q5B
Q4B
Q3B
Q2B
Q1B
VDDQ
GND
D13
D12
VDD
VDDQ
GND
D11
D10
D9
GND
D8
D7
RESET#
GND
CLK#
CLK
VDDQ
VDD
VREF
D6
GND
D5
D4
D3
GND
VDDQ
VDD
D2
D1
GND
VDDQ
6.10 mm. Body, 0.50 mm. pitch
Q7A
Q6A
Q5A
Q4A
Q3A
Q2A
Q1A
Q13B
VDDQ
Q12B
Q11B
Q10B
Q9B
Q8B
1
14
15
28
29
43
42
56
D10
D9
D8
D7
RESET#
GND
CLK#
CLK
VDDQ
VDD
VREF
D6
D5
D4
ICSSSTV16859
CLK
CLK#
D1
VREF
RESET#
To 12 Other Channels
Q1A
Q1B
CLK
R
D1


Similar Part No. - ICS16859

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS16859C ICST-ICS16859C Datasheet
95Kb / 8P
DDR 13-Bit to 26-Bit Registered Buffer
More results

Similar Description - ICS16859

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICSSSTV16859 ICST-ICSSSTV16859 Datasheet
233Kb / 8P
DDR 13-Bit to 26-Bit Registered Buffer
Rev B 06/22/01
ICSSSTVF16859 ICST-ICSSSTVF16859 Datasheet
187Kb / 10P
DDR 13-Bit to 26-Bit Registered Buffer
logo
Alliance Semiconductor ...
AS80SSTVF16859 ALSC-AS80SSTVF16859 Datasheet
122Kb / 13P
DDR 13-Bit to 26-Bit Registered Buffer
ASM4SSTVF16859 ALSC-ASM4SSTVF16859 Datasheet
162Kb / 16P
DDR 13-Bit to 26-Bit Registered Buffer
logo
Integrated Circuit Syst...
ICSSSTVA16859B ICST-ICSSSTVA16859B Datasheet
130Kb / 11P
DDR 13-Bit to 26-Bit Registered Buffer
ICS16859C ICST-ICS16859C Datasheet
95Kb / 8P
DDR 13-Bit to 26-Bit Registered Buffer
logo
Integrated Device Techn...
ICSSSTVA16859C IDT-ICSSSTVA16859C Datasheet
293Kb / 10P
DDR 13-Bit to 26-Bit Registered Buffer
ICSSSTVF16859B IDT-ICSSSTVF16859B Datasheet
114Kb / 10P
DDR 13-Bit to 26-Bit Registered Buffer
logo
Renesas Technology Corp
ICSSSTVA16859C RENESAS-ICSSSTVA16859C Datasheet
530Kb / 11P
DDR 13-Bit to 26-Bit Registered Buffer
2019
ICSSSTVF16859B RENESAS-ICSSSTVF16859B Datasheet
349Kb / 11P
DDR 13-Bit to 26-Bit Registered Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com