Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS16859C Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS16859C
Description  DDR 13-Bit to 26-Bit Registered Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS16859C Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS16859C Datasheet HTML 1Page - Integrated Circuit Systems ICS16859C Datasheet HTML 2Page - Integrated Circuit Systems ICS16859C Datasheet HTML 3Page - Integrated Circuit Systems ICS16859C Datasheet HTML 4Page - Integrated Circuit Systems ICS16859C Datasheet HTML 5Page - Integrated Circuit Systems ICS16859C Datasheet HTML 6Page - Integrated Circuit Systems ICS16859C Datasheet HTML 7Page - Integrated Circuit Systems ICS16859C Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
ICSSSTV16859C
0703A—10/15/02
General Description
Pin Configuration (64-Pin TSSOP)
The 13-bit-to-26-bit ICSSSTV16859C is a universal bus driver designed for 2.3V to 2.7V VDD operation and SSTL_2
I/O levels, except for the LVCMOS RESET# input.
Data flow from D to Q is controlled by the differential clock (CLK/CLK#) and a control signal (RESET#). The positive
edge of CLK is used to trigger the data flow and CLK# is used to maintain sufficient noise margins where as RESET#,
an LVCMOS asynchronous signal, is intended for use at the time of power-up only. ICSSSTV16859C supports low-
power standby operation. A logic level “Low” at RESET# assures that all internal registers and outputs (Q) are reset
to the logic “Low” state, and all input receivers, data (D) and clock (CLK/CLK#) are switched off. Please note that
RESET# must always be supported with LVCMOS levels at a valid logic state because VREF may not be stable during
power-up.
To ensure that outputs are at a defined logic state before a stable clock has been supplied, RESET# must be held
at a logic “Low” level during power up.
In the DDR DIMM application, RESET# is specified to be completely asynchronous with respect to CLK and CLK#.
Therefore, no timing relationship can be guaranteed between the two signals. When entering a low-power standby state,
the register will be cleared and the outputs will be driven to a logic “Low” level quickly relative to the time to disable
the differential input receivers. This ensures there are no glitches on the output. However, when coming out of low-power
standby state, the register will become active quickly relative to the time to enable the differential input receivers. When
the data inputs are at a logic level “Low” and the clock is stable during the “Low”-to-”High” transition of RESET# until
the input receivers are fully enabled, the design ensures that the outputs will remain at a logic “Low” level.
R
E
B
M
U
N
N
I
PE
M
A
N
N
I
PE
P
Y
TN
O
I
T
P
I
R
C
S
E
D
2
3
-
8
2
,
5
2
-
9
1
,
7
1
,
6
1
,
4
1
-
8
,
5
-
1)
1
:
3
1
(
QT
U
P
T
U
Ot
u
p
t
u
o
a
t
a
D
,
4
5
,
0
5
,
3
4
,
9
3
,
4
3
,
6
2
,
5
1
,
7
3
6
,
8
5
D
N
GR
W
Pd
n
u
o
r
G
4
6
,
9
5
,
7
4
,
8
3
,
3
3
,
7
2
,
8
1
,
6Q
D
D
VR
W
Pl
a
n
i
m
o
n
V
5
.
2
,
e
g
a
t
l
o
v
y
l
p
p
u
s
t
u
p
t
u
O
-
5
5
,
3
5
,
2
5
,
4
4
,
2
4
-
0
4
,
6
3
,
5
3
2
6
,
1
6
,
7
5
)
1
:
3
1
(
DT
U
P
N
It
u
p
n
i
a
t
a
D
8
4K
L
CT
U
P
N
It
u
p
n
i
k
c
o
l
c
r
e
t
s
a
m
e
v
i
t
i
s
o
P
9
4#
K
L
CT
U
P
N
It
u
p
n
i
k
c
o
l
c
r
e
t
s
a
m
e
v
i
t
a
g
e
N
0
6
,
6
4
,
7
3D
D
VR
W
Pl
a
n
i
m
o
n
V
5
.
2
,
e
g
a
t
l
o
v
y
l
p
p
u
s
e
r
o
C
1
5#
T
E
S
E
RT
U
P
N
I)
w
o
l
e
v
i
t
c
a
(
t
e
s
e
R
5
4F
E
R
VT
U
P
N
Il
a
n
i
m
o
n
V
5
.
2
,
e
g
a
t
l
o
v
e
c
n
e
r
e
f
e
r
t
u
p
n
I
R
E
B
M
U
N
N
I
PE
M
A
N
N
I
PE
P
Y
TN
O
I
T
P
I
R
C
S
E
D
6
5
,
4
5
-
0
5
,
2
2
-
8
1
,
6
1
-
0
1
,
8
-
1)
1
:
3
1
(
QT
U
P
T
U
Ot
u
p
t
u
o
a
t
a
D
8
4
,
7
3D
N
GR
W
Pd
n
u
o
r
G
5
5
,
9
4
,
4
4
,
4
3
,
7
2
,
3
2
,
7
1
,
9Q
D
D
VR
W
Pl
a
n
i
m
o
n
V
5
.
2
,
e
g
a
t
l
o
v
y
l
p
p
u
s
t
u
p
t
u
O
7
4
,
6
4
,
3
4
-
9
3
,
1
3
-
8
2
,
5
2
,
4
2)
1
:
3
1
(
DT
U
P
N
It
u
p
n
i
a
t
a
D
5
3K
L
CT
U
P
N
It
u
p
n
i
k
c
o
l
c
r
e
t
s
a
m
e
v
i
t
i
s
o
P
6
3#
K
L
CT
U
P
N
It
u
p
n
i
k
c
o
l
c
r
e
t
s
a
m
e
v
i
t
a
g
e
N
5
4
,
3
3
,
6
2D
D
VR
W
Pl
a
n
i
m
o
n
V
5
.
2
,
e
g
a
t
l
o
v
y
l
p
p
u
s
e
r
o
C
8
3#
T
E
S
E
RT
U
P
N
I)
w
o
l
e
v
i
t
c
a
(
t
e
s
e
R
2
3F
E
R
VT
U
P
N
Il
a
n
i
m
o
n
V
5
.
2
,
e
g
a
t
l
o
v
e
c
n
e
r
e
f
e
r
t
u
p
n
I
-D
A
P
r
e
t
n
e
CR
W
P)
y
l
n
o
e
g
a
k
c
a
p
2
F
L
M
(
d
n
u
o
r
G
Pin Configuration (56-Pin MLF2)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com