Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS16859C Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS16859C
Description  DDR 13-Bit to 26-Bit Registered Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS16859C Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS16859C Datasheet HTML 1Page - Integrated Circuit Systems ICS16859C Datasheet HTML 2Page - Integrated Circuit Systems ICS16859C Datasheet HTML 3Page - Integrated Circuit Systems ICS16859C Datasheet HTML 4Page - Integrated Circuit Systems ICS16859C Datasheet HTML 5Page - Integrated Circuit Systems ICS16859C Datasheet HTML 6Page - Integrated Circuit Systems ICS16859C Datasheet HTML 7Page - Integrated Circuit Systems ICS16859C Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
ICSSSTV16859C
0703A—10/15/02
Switching Characteristics
(over recommended operating free-air temperature range, unless otherwise noted) (see Figure 1)
MIN
TYP
MAX
fmax
200
MHz
CLK, CLK# (TSSOP)
Q
1.7
2.3
2.7
ns
CLK, CLK# (VFQFN[MLF2])
Q
1.6
2.1
2.6
ns
tphl
RESET#
Q
3.5
ns
SYMBOL
VDD = 2.5V ±0.2V
UNITS
From
(Input)
To
(Output)
tPD
Timing Requirements
1
(over recommended operating free-air temperature range, unless otherwise noted)
MIN
MAX
fclock
Clock frequency
200
MHz
TSSOP
1.7
2.7
ns
VFQFN [MLF2]
1.6
2.6
ns
tRST
Reset to output time
3.5
ns
tSL
Output slew rate
1
4
V/ns
Setup time, fast slew rate
2 & 4
0.4
ns
Setup time, slow slew rate
3 & 4
0.6
ns
Hold time, fast slew rate
2 & 4
0.4
ns
Hold time, slow slew rate
3 & 4
0.5
ns
1 - Guaranteed by design, not 100% tested in production.
2 - For data signal input slew rate of
≥ 1V/ns.
4 - CLK, CLK# signals input slew rate of
≥ 1V/ns.
3 - For data signal input slew rate of
≥ 0.5V/ns and < 1V/ns.
VDDQ = 2.5V ± 0.2V
UNITS
PARAMETERS
Data before CLK
↑ , CLK#↓
Data after CLK
↑ , CLK#↓
Clock to output time
SYMBOL
tS
Th
Notes:
tPD



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com