Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX77751 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX77751
Description  Up to 16V Protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77751 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX77751 Datasheet HTML 1Page - Maxim Integrated Products MAX77751 Datasheet HTML 2Page - Maxim Integrated Products MAX77751 Datasheet HTML 3Page - Maxim Integrated Products MAX77751 Datasheet HTML 4Page - Maxim Integrated Products MAX77751 Datasheet HTML 5Page - Maxim Integrated Products MAX77751 Datasheet HTML 6Page - Maxim Integrated Products MAX77751 Datasheet HTML 7Page - Maxim Integrated Products MAX77751 Datasheet HTML 8Page - Maxim Integrated Products MAX77751 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Evaluates: MAX77751
MAX77751 Evaluation Kit
General Description
The MAX77751 evaluation kit (EV kit) is a fully assembled
and tested printed circuit board (PCB) that demonstrates
the MAX77751, the standalone 3.15A USB Type-C®
autonomous charger.
The EV kit is a switch-mode charger and Smart Power
Selector™ with autonomous configuration. The MAX77751
can operate from 4.5V to 14V input, with the fast-charge
current up to 3.15A and maximum input current limit of 3A.
The EV kit features USB Type-C CC detection, bat-
tery charging compliant with the USB Battery Charging
Specification Revision 1.2 (BC1.2), proprietary adapter
detection upon input insertion, and automatic configura-
tion of the charger input current limit to the maximum
allowable current from the input source.
The MAX77751 has the reverse-boost capability, which is
enabled by the ENBST pin to allow the 5.1V/1.5A output
to CHGIN.
Benefits and Features
● Up to 16V Protection
● 14V Maximum Input Operating Voltage
● 3.15A Maximum Charging Current
● 6A Discharge Current Protection
● No Firmware or Communication Required
● Integrated USB Detection
• Integrated CC Detection for USB Type-C
• Integrated BC1.2 Detection for Legacy SDP, DCP,
and CDP
• Automatic Input Current Limit Configuration
● Input Voltage Regulation with Adaptive Input Current
Limit (AICL)
● Reverse-Boost Capability up to 5.1V, 1.5A
● Pin Control of All Functions
• Resistor-Configurable Fast-Charge Current
• Resistor-Configurable Top-off Current
• ENBST Pin to Enable and Disable Reverse Boost
• STAT Pin to Indicate Charging Status
• INOKB Pin to Indicate Input Power-OK (POK)
• ITOPOFF Pin to Disable Charge
● Integrated Power Path
● Integrated Battery True-Disconnect FET
● Proven PCB Layout
● Fully Assembled and Tested
319-100538; Rev 2; 9/20
Ordering Information appears at end of data sheet.
USB Type-C and USB-C are registered trademarks of USB Implementers Forum.
Smart Power Selector is a trademark of Maxim Integrated Products, Inc.
Figure 1. MAX77751 EV Kit Photo
Click
here to ask about the production status of specific part numbers.


Similar Part No. - MAX77751

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX77751 MAXIM-MAX77751 Datasheet
1Mb / 40P
3.15A USB-C Autonomous Charger for 1-Cell Li Batteries
Rev 4; 11/20
MAX77751AEFG MAXIM-MAX77751AEFG Datasheet
1Mb / 40P
3.15A USB-C Autonomous Charger for 1-Cell Li Batteries
Rev 4; 11/20
MAX77751BEFG MAXIM-MAX77751BEFG Datasheet
1Mb / 40P
3.15A USB-C Autonomous Charger for 1-Cell Li Batteries
Rev 4; 11/20
MAX77751CEFG MAXIM-MAX77751CEFG Datasheet
1Mb / 40P
3.15A USB-C Autonomous Charger for 1-Cell Li Batteries
Rev 4; 11/20
MAX77751DEFG MAXIM-MAX77751DEFG Datasheet
1Mb / 40P
3.15A USB-C Autonomous Charger for 1-Cell Li Batteries
Rev 4; 11/20
More results

Similar Description - MAX77751

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4604 MICREL-MIC4604 Datasheet
925Kb / 18P
85V Half Bridge MOSFET Drivers with up to 16V Programmable Gate Drive
logo
RICOH electronics devic...
R1190 RICOH-R1190 Datasheet
2Mb / 27P
1A VOLTAGE REGULATOR (Operating Voltage up to 16V)
April 1, 2012
logo
Maxim Integrated Produc...
MAX20745EVKIT MAXIM-MAX20745EVKIT Datasheet
798Kb / 10P
4.5V to 16V power supply
Rev 0; 10/15
MAX20743EVKIT MAXIM-MAX20743EVKIT Datasheet
888Kb / 10P
4.5V to 16V power supply
Rev 0; 7/16
MAX20735EVKIT MAXIM-MAX20735EVKIT Datasheet
826Kb / 10P
4.5V to 16V power supply
Rev 0; 8/16
MAX20734EVKIT MAXIM-MAX20734EVKIT Datasheet
877Kb / 10P
4.5V to 16V power supply
Rev 0; 8/16
MAX20733EVKIT MAXIM-MAX20733EVKIT Datasheet
854Kb / 10P
4.5V to 16V power supply
Rev 0; 8/16
MAX20730EVKIT MAXIM-MAX20730EVKIT Datasheet
820Kb / 10P
4.5V to 16V power supply
Rev 0; 10/15
logo
Nisshinbo Micro Devices...
R1190X NISSHINBO-R1190X Datasheet
2Mb / 27P
1A VOLTAGE REGULATOR (Operating Voltage up to 16V)
logo
Guangdong Youtai Semico...
PESDXL5UF UMW-PESDXL5UF Datasheet
360Kb / 7P
ESD protection of up to five lines
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com