Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX44286 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX44286
Description  Precision Real-Time Current Monitoring
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44286 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX44286 Datasheet HTML 1Page - Maxim Integrated Products MAX44286 Datasheet HTML 2Page - Maxim Integrated Products MAX44286 Datasheet HTML 3Page - Maxim Integrated Products MAX44286 Datasheet HTML 4Page - Maxim Integrated Products MAX44286 Datasheet HTML 5Page - Maxim Integrated Products MAX44286 Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Evaluates: MAX44286
MAX44286 Evaluation Kit
General Description
The MAX44286 evaluation kit (EV kit) provides a proven
design to evaluate the MAX44286 zero-drift, high-side,
current-sense amplifier that offers precision and low
supply current. This EV kit demonstrates the MAX44286
in an ultra-small, 0.78mm x 0.78mm x 0.35mm, 4-bump
wafer-level package (WLP).
The EV kit PCB comes with a MAX44286FAZS+ installed,
which is the 50V/V gain version. Other gain options
are available. Contact the factory for free samples
of the pin-compatible MAX44286TAZS+ (25V/V gain),
MAX44286HAZS+ (100V/V gain), and MAX44286WAZS+
(200V/V gain).
EV Kit Contents
● MAX44286 EV Kit Board
Features and Benefits
● Precision Real-Time Current Monitoring
● +1.8V to +5.5V Input Common-Mode Range
● Proven PCB Layout
● RoHS Compliant
Quick Start
Required Equipment
The following items are required for operation:
• MAX44286 EV kit
• +3.3V, 1.5A DC power supply
• Electronic load capable of sinking 1A
(i.e., HP6060B)
• Two digital voltmeters (DVMs)
Procedure
The EV kit is fully assembled and tested. Follow the steps
below to verify the board operation.
Caution: Do not
turn on power supply or the electronic load until all
connections are made.
1) Connect the positive terminal of the +3.3V supply to
the VBATT PCB pad and the negative terminal of the
supply to the GND PCB pad closest to the VBATT PCB
pad.
2) Set the electronic load to 1A.
3) Connect the electronic load’s positive terminal to
the LOAD PCB pad and the negative terminal to the
nearest GND PCB pad on the EV kit.
4) Connect the first voltmeter across the RS+ and RS-
test points.
5) Connect the second voltmeter across VOUT and the
nearest GND PCB pad on the EV kit.
6) Enable the power supply.
7) Enable the electronic load.
8) Verify that the first DVM displays 60mV and the
second DVM displays 3.0V.
19-7371; Rev 0; 10/14
Ordering Information appears at end of data sheet.


Similar Part No. - MAX44286

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44286 MAXIM-MAX44286 Datasheet
715Kb / 11P
Low-Power, Precision, 4-Bump WLP, Current-Sense Amplifier
2014
logo
Analog Devices
MAX44286 AD-MAX44286 Datasheet
715Kb / 11P
Low-Power, Precision, 4-Bump WLP, Current-Sense Amplifier
Rev 0 11/14
logo
Maxim Integrated Produc...
MAX44286FAZS+ MAXIM-MAX44286FAZS+ Datasheet
715Kb / 11P
Low-Power, Precision, 4-Bump WLP, Current-Sense Amplifier
2014
logo
Analog Devices
MAX44286FAZS+ AD-MAX44286FAZS+ Datasheet
715Kb / 11P
Low-Power, Precision, 4-Bump WLP, Current-Sense Amplifier
Rev 0 11/14
logo
Maxim Integrated Produc...
MAX44286HAZS+ MAXIM-MAX44286HAZS+ Datasheet
715Kb / 11P
Low-Power, Precision, 4-Bump WLP, Current-Sense Amplifier
2014
More results

Similar Description - MAX44286

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX40201EVKIT MAXIM-MAX40201EVKIT Datasheet
602Kb / 6P
Precision Real-Time Current Monitoring
Rev 0; 3/17
MAX4374EVKIT MAXIM-MAX4374EVKIT Datasheet
120Kb / 5P
Precision Real-Time Current Monitoring
Rev 0; 4/09
MAX4173EVKIT MAXIM-MAX4173EVKIT Datasheet
109Kb / 4P
Real-Time Current Monitoring
Rev 0; 2/09
MAX4080EVKIT MAXIM-MAX4080EVKIT Datasheet
106Kb / 5P
Real-Time Current Monitoring
Rev 0; 12/07
MAX40056EVKIT MAXIM-MAX40056EVKIT Datasheet
659Kb / 7P
Precision Real-Time Current-Monitoring with Fault Detection
319-100264; Rev 1; 12/18
MAX40010EVKIT MAXIM-MAX40010EVKIT Datasheet
691Kb / 6P
Precision, Real-Time Current Monitoring
Rev 0; 10/16
MAX49921EVKIT MAXIM-MAX49921EVKIT Datasheet
690Kb / 6P
Precision Real-Time Current Monitoring
319-100591; Rev 2; 1/21
MAX44298EVKIT MAXIM-MAX44298EVKIT Datasheet
4Mb / 14P
Precision Real-Time, Low-Side Current /Voltage/ Power Monitoring
19-7855; Rev 0; 11/15
MAX44285EVKIT MAXIM-MAX44285EVKIT Datasheet
443Kb / 6P
Precision Real-Time Current Monitoring
19-7021; Rev 0; 7/14
MAX44284EVKIT MAXIM-MAX44284EVKIT Datasheet
290Kb / 6P
Precision Real-Time Current Monitoring
19-7018; Rev 0; 7/14
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com