Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX44286 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX44286
Description  Precision Real-Time Current Monitoring
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44286 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX44286 Datasheet HTML 1Page - Maxim Integrated Products MAX44286 Datasheet HTML 2Page - Maxim Integrated Products MAX44286 Datasheet HTML 3Page - Maxim Integrated Products MAX44286 Datasheet HTML 4Page - Maxim Integrated Products MAX44286 Datasheet HTML 5Page - Maxim Integrated Products MAX44286 Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Maxim Integrated │ 2
www.maximintegrated.com
Evaluates: MAX44286
MAX44286 Evaluation Kit
Detailed Description of Hardware
The MAX44286 EV kit provides a proven design to
evaluate
the
MAX44286
zero-drift,
high-side,
current-sense amplifier that offers precision accuracy
specifications of VOS less than 7µV (max) and gain error
less than 0.2% (max).
Applying the VRS+ Supply and the Load
The EV kit is installed with a MAX44286FAZS+, which has
a 50V/V gain. The current-sense resistor (RSENSE) value
is 0.05Ω with ±0.5% tolerance. The VOUT is given by:
VOUT = ILOAD x RSENSE x AV
where AV is the gain and ILOAD is the current load applied
to the device. Normal operating VRS+ and VRS- range is
+1.8V to +5.5V.
Measuring the Load Current
The load current is measured as a voltage drop (VSENSE)
across an external sense resistor. This voltage is then
amplified by the current-sense amplifier and presented
at its OUT pin. Like all differential amplifiers, the output
voltage has two components of error (an offset error and
a gain error). The offset error affects accuracy at low
currents and a gain error affects accuracy at large
currents—both errors affect accuracy at intermediate
currents. By minimizing both offset and gain errors,
accuracy can be optimized over a wide dynamic range.
Evaluating Other Gain Versions
The MAX44286 EV kit can be used to evaluate other
gain versions of the MAX44286 (25V/V, 50V/V, 100V/V,
200V/V = T, F, H, Z suffix). Replace U1 of the MAX44286
EV kit with the appropriate version of the MAX44286.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com