Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS853013 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS853013
Description  LOW SKEW, DUAL, 1-TO-3, DIFFERENTIAL-TO-2.5V/3.3V/5V LVPECL/ECL FANOUT BUFFER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS853013 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS853013 Datasheet HTML 1Page - Integrated Circuit Systems ICS853013 Datasheet HTML 2Page - Integrated Circuit Systems ICS853013 Datasheet HTML 3Page - Integrated Circuit Systems ICS853013 Datasheet HTML 4Page - Integrated Circuit Systems ICS853013 Datasheet HTML 5Page - Integrated Circuit Systems ICS853013 Datasheet HTML 6Page - Integrated Circuit Systems ICS853013 Datasheet HTML 7Page - Integrated Circuit Systems ICS853013 Datasheet HTML 8Page - Integrated Circuit Systems ICS853013 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
853013AM
www.icst.com/products/hiperclocks.html
REV. A OCTOBER 19, 2005
1
Integrated
Circuit
Systems, Inc.
ICS853013
LOW SKEW, DUAL, 1-TO-3, DIFFERENTIAL-TO-
2.5V/3.3V/5V LVPECL/ECL FANOUT BUFFER
GENERAL DESCRIPTION
The ICS853013 is a low skew, high perfor-
mance dual 1-to-3 Differential-to-2.5V/3.3V/5V
LVPECL/ECL Fanout Buffer and a member of
the HiperclocksTM family of High Performance
Clock Solutions from ICS. The ICS853013
operates with a positive or negative power supply at 2.5V,
3.3V, or 5V. Guaranteed output and par t-to-par t skew
characteristics make the ICS853013 ideal for those clock
distribution applications demanding well defined perfor-
mance and repeatability.
FEATURES
• Two differential LVPECL / ECL bank outputs
• Two differential LVPECL clock input pairs
• PCLKx, nPCLKx pairs can accept the following
differential input levels: LVPECL, LVDS, CML, SSTL
• Output frequency: >2GHz (typical)
• Translates any single ended input signal to
LVPECL levels with resistor bias on nPCLKx input
• Output skew: 40ps (maximum)
• Part-to-part skew: 250ps (maximum)
• Propagation delay: 570ps (maximum)
• Additive phase jitter, RMS: 0.03ps (typical)
• LVPECL mode operating voltage supply range:
V
CC = 2.375V to 5.25V
• ECL mode operating voltage supply range:
V
CC = 0V, VEE = -5.25V to -2.375V
• -40°C to 85°C ambient operating temperature
• Available in both standard and lead-free RoHS-compliant
packages
BLOCK DIAGRAM
PIN ASSIGNMENT
HiPerClockS™
ICS
QA0
nQA0
QA1
nQA1
QA2
nQA2
PCLKA
nPCLKA
QB0
nQB0
QB1
nQB1
QB2
nQB2
PCLKB
nPCLKB
ICS853013
20-Lead, 300-MIL SOIC
7.5mm x 12.8mm x 2.3mm body package
M Package
Top View
nQA0
QA0
VCC
PCLKA
nPCLKA
PCLKB
nPCLKB
VCC
nQB0
QB0
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
QA1
nQA1
QA2
nQA2
VCC
QB2
nQB2
QB1
nQB1
VEE


Similar Part No. - ICS853013

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85301 ICST-ICS85301 Datasheet
301Kb / 19P
2:1 DIFFERENTIAL-TO-LVPECL MULTIPLEXER
REV. A JANUARY 16, 2006
ICS853011 ICST-ICS853011 Datasheet
245Kb / 16P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. C JULY 13, 2005
ICS853011BM ICST-ICS853011BM Datasheet
245Kb / 16P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. C JULY 13, 2005
ICS853011BMLF ICST-ICS853011BMLF Datasheet
245Kb / 16P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. C JULY 13, 2005
ICS853011BMLFT ICST-ICS853011BMLFT Datasheet
245Kb / 16P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. C JULY 13, 2005
More results

Similar Description - ICS853013

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS853011 ICST-ICS853011 Datasheet
245Kb / 16P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. C JULY 13, 2005
ICS85310I-21 ICST-ICS85310I-21 Datasheet
188Kb / 15P
LOW SKEW, DUAL, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
REV. D JUNE 30, 2005
ICS85310I-31 ICST-ICS85310I-31 Datasheet
204Kb / 16P
LOW SKEW, DUAL, 1-TO-5 2.5V/3.3V DIFFERENTIAL-TO-ECL/LVPECL FANOUT BUFFER
REV. D JULY 6, 2005
ICS853111A ICST-ICS853111A Datasheet
320Kb / 18P
LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. B MAY 14, 2004
ICS853210 ICST-ICS853210 Datasheet
275Kb / 15P
LOW SKEW, DUAL, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. A NOVEMBER 12, 2003
logo
Integrated Device Techn...
85310I-01 IDT-85310I-01 Datasheet
281Kb / 18P
Low Skew, 1-to-10 Differential-to-3.3V, 2.5V LVPECL/ECL Fanout Buffer
logo
Renesas Technology Corp
85310I-21 RENESAS-85310I-21 Datasheet
290Kb / 17P
LOW SKEW, DUAL, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
June 24, 2016
85310I-31 RENESAS-85310I-31 Datasheet
233Kb / 17P
Low Skew, Dual, 1-to-5, 2.5V/3.3V Differential-to-ECL/LVPECL Fanout Buffer
REVISION E 11/9/15
85311I RENESAS-85311I Datasheet
628Kb / 18P
Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
February 18, 2016
ICS853S013I RENESAS-ICS853S013I Datasheet
1,003Kb / 17P
Low Skew, Dual, 1-to-3, Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
AUGUST 20, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com