Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS853016 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS853016
Description  LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-3.3V, 5V LVPECL/ECL FANOUT BUFFER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS853016 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS853016 Datasheet HTML 1Page - Integrated Circuit Systems ICS853016 Datasheet HTML 2Page - Integrated Circuit Systems ICS853016 Datasheet HTML 3Page - Integrated Circuit Systems ICS853016 Datasheet HTML 4Page - Integrated Circuit Systems ICS853016 Datasheet HTML 5Page - Integrated Circuit Systems ICS853016 Datasheet HTML 6Page - Integrated Circuit Systems ICS853016 Datasheet HTML 7Page - Integrated Circuit Systems ICS853016 Datasheet HTML 8Page - Integrated Circuit Systems ICS853016 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
853016AM
www.icst.com/products/hiperclocks.html
REV. A NOVEMBER 30, 2004
5
Integrated
Circuit
Systems, Inc.
ICS853016
LOW SKEW, 1-TO-2
DIFFERENTIAL-TO-3.3V, 5V LVPECL/ECL FANOUT BUFFER
PRELIMINARY
TABLE 4. AC CHARACTERISTICS, V
CC = 0V; VEE = -5.5V
TO
-3.0V OR V
CC = 3.0V
TO
5.5V; V
EE = 0V
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
C
°
0
4
-C
°
5
2C
°
5
8
s
t
i
n
U
n
i
Mp
y
Tx
a
Mn
i
Mp
y
Tx
a
Mn
i
Mp
y
Tx
a
M
f
X
A
M
y
c
n
e
u
q
e
r
F
t
u
p
t
u
OD
B
T3
>D
B
Tz
H
G
t
H
L
P
t
L
H
P
n
o
i
t
a
g
a
p
o
r
P
;
y
a
l
e
D
1
E
T
O
N
Q
n
)
l
a
i
t
n
e
r
e
f
f
i
D
(D
B
T0
5
3D
B
Ts
p
Q
)
l
a
i
t
n
e
r
e
f
f
i
D
(
G
H
Q
n
,
G
H
D
B
T0
0
4D
B
Ts
p
Q
n
)
d
e
d
n
E
-
e
l
g
n
i
S
(D
B
T0
0
4D
B
Ts
p
Q
)
d
e
d
n
E
-
e
l
g
n
i
S
(
G
H
Q
n
,
G
H
D
B
T0
5
4D
B
Ts
p
t
)
c
d
o
(
k
s3
,
2
E
T
O
N
;
w
e
k
S
e
l
c
y
C
y
t
u
DD
B
T0
1D
B
Ts
p
t
R/tF
/
e
s
i
R
t
u
p
t
u
O
e
m
i
T
ll
a
F
%
0
8
o
t
%
0
2
Q
nD
B
T0
0
3D
B
Ts
p
Q
G
H
Q
n
,
G
H
D
B
T0
5
1D
B
Ts
p
f
t
a
d
e
r
u
s
a
e
m
e
r
a
s
r
e
t
e
m
a
r
a
p
ll
A
≤
.
d
e
t
o
n
e
s
i
w
r
e
h
t
o
s
s
e
l
n
u
,
z
H
G
7
.
1
.
t
n
i
o
p
g
n
i
s
s
o
r
c
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
d
e
h
t
o
t
t
n
i
o
p
g
n
i
s
s
o
r
c
t
u
p
n
i
l
a
i
t
n
e
r
e
f
f
i
d
e
h
t
m
o
r
f
d
e
r
u
s
a
e
M
:
1
E
T
O
N
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
s
a
d
e
n
i
f
e
D
:
2
E
T
O
N
.
s
t
u
p
t
u
o
e
h
t
f
o
t
n
i
o
p
s
s
o
r
c
e
h
t
o
t
s
t
u
p
n
i
e
h
t
f
o
t
n
i
o
p
s
s
o
r
c
e
h
t
m
o
r
f
n
o
i
t
a
r
e
p
o
l
a
i
t
n
e
r
e
f
f
i
d
y
l
n
o
r
o
f
d
e
r
u
s
a
e
M
.
5
6
d
r
a
d
n
a
t
S
C
E
D
E
J
h
t
i
w
e
c
n
a
d
r
o
c
c
a
n
i
d
e
n
i
f
e
d
s
i
r
e
t
e
m
a
r
a
p
s
i
h
T
:
3
E
T
O
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com