Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS853016 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS853016
Description  LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-3.3V, 5V LVPECL/ECL FANOUT BUFFER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS853016 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS853016 Datasheet HTML 1Page - Integrated Circuit Systems ICS853016 Datasheet HTML 2Page - Integrated Circuit Systems ICS853016 Datasheet HTML 3Page - Integrated Circuit Systems ICS853016 Datasheet HTML 4Page - Integrated Circuit Systems ICS853016 Datasheet HTML 5Page - Integrated Circuit Systems ICS853016 Datasheet HTML 6Page - Integrated Circuit Systems ICS853016 Datasheet HTML 7Page - Integrated Circuit Systems ICS853016 Datasheet HTML 8Page - Integrated Circuit Systems ICS853016 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
853016AM
www.icst.com/products/hiperclocks.html
REV. A NOVEMBER 30, 2004
1
Integrated
Circuit
Systems, Inc.
ICS853016
LOW SKEW, 1-TO-2
DIFFERENTIAL-TO-3.3V, 5V LVPECL/ECL FANOUT BUFFER
PRELIMINARY
GENERAL DESCRIPTION
The ICS853016 is a low skew, high perfor-
mance 1-to-2 Differential-to-3.3V, 5V LVPECL/
ECL Fanout Buffer and a member of the
HiPerClockS™ family of High Perfor mance
Clock Solutions from ICS. The ICS853016
is characterized to operate from either a 3.3V or a 5V
power supply. Guaranteed duty cycle skew character-
istic makes the ICS853016 ideal for those clock distri-
bution applications demanding well defined perfor-
mance and repeatability.
FEATURES
• (1) Differential 3.3V, 5V LVPECL / ECL output pair and
(1) Single-ended 3.3V, 5V LVPECL / ECL output
• (1) Differential D, nD input pair
• D, nD pair can accept the following
differential input levels: LVPECL, LVDS, CML, SSTL
• Output frequency: >3GHz (typical)
• Translates any single ended input signal to 3.3V to 5V
LVPECL levels with resistor bias on nD input
• Duty cycle skew: 10ps (typical)
• Propagation delay: 400ps (typical)
• LVPECL mode operating voltage supply range:
V
CC = 3.0V to 5.5V, VEE = 0V
• ECL mode operating voltage supply range:
V
CC = 0V, VEE = -5.5V to -3.0V
• -40°C to 85°C ambient operating temperature
• Pin compatible with MC100EP16VCD and MC100EP16VCDT
BLOCK DIAGRAM
PIN ASSIGNMENT
ICS853016
8-Lead SOIC
3.90mm x 4.90mm x 1.37mm package body
M Package
Top View
nQ
D
VBB/nD
nEN
1
2
3
4
HiPerClockS™
ICS
Vcc
QHG
nQHG
VEE
8
7
6
5
ICS853016
8-Lead TSSOP, 118mil
3mm x 3mm x 0.95mm package body
G Package
Top View
LEN
Q
LATCH
D
OE
V
BB
nQ
D
VBB/nD
nEN
VCC
QHG
nQHG
VEE
The Preliminary Information presented herein represents a product in prototyping or pre-production. The noted characteristics are based on initial
product characterization. Integrated Circuit Systems, Incorporated (ICS) reserves the right to change any circuitry or specifications without notice.


Similar Part No. - ICS853016

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85301 ICST-ICS85301 Datasheet
301Kb / 19P
2:1 DIFFERENTIAL-TO-LVPECL MULTIPLEXER
REV. A JANUARY 16, 2006
ICS853011 ICST-ICS853011 Datasheet
245Kb / 16P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. C JULY 13, 2005
ICS853011BM ICST-ICS853011BM Datasheet
245Kb / 16P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. C JULY 13, 2005
ICS853011BMLF ICST-ICS853011BMLF Datasheet
245Kb / 16P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. C JULY 13, 2005
ICS853011BMLFT ICST-ICS853011BMLFT Datasheet
245Kb / 16P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. C JULY 13, 2005
More results

Similar Description - ICS853016

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85311 ICST-ICS85311 Datasheet
168Kb / 13P
Low Skew, 1-to-2 Differential-to-2.5V/3.3V ECL/LVPECL Fanout Buffer
REV. A JUNE 29, 2001
ICS853011 ICST-ICS853011 Datasheet
245Kb / 16P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. C JULY 13, 2005
ICS853011C ICST-ICS853011C Datasheet
230Kb / 14P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
logo
Integrated Device Techn...
ICS853111-01 IDT-ICS853111-01 Datasheet
214Kb / 15P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-3.3V LVPECL/ECL FANOUT BUFFER
853S011BMILF IDT-853S011BMILF Datasheet
830Kb / 20P
Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
853S011B IDT-853S011B Datasheet
601Kb / 20P
Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
logo
Renesas Technology Corp
85311 RENESAS-85311 Datasheet
626Kb / 17P
Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
February 18, 2016
85311I RENESAS-85311I Datasheet
628Kb / 18P
Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
February 18, 2016
ICS853S011CI RENESAS-ICS853S011CI Datasheet
746Kb / 20P
Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
JULY 16, 2013
853S011B RENESAS-853S011B Datasheet
848Kb / 21P
Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
February 23, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com