Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVM58X Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # PVM58X
Description  Multiturn absolute encoder
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

PVM58X Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  PVM58X Datasheet HTML 1Page - Pepperl+Fuchs Inc. PVM58X Datasheet HTML 2Page - Pepperl+Fuchs Inc. PVM58X Datasheet HTML 3Page - Pepperl+Fuchs Inc. PVM58X Datasheet HTML 4Page - Pepperl+Fuchs Inc. PVM58X Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
1
Multiturn absolute encoder
PVM58X
Technical Data
General specifications
Detection type
photoelectric sampling
Device type
Multiturn absolute encoder
UL File Number
E223176 "For use in NFPA 79 Applications only" , if UL
marking is marked on the product.
Functional safety related parameters
MTTFd
70 a
Mission Time (TM)
20 a
L10
1.9 E+11 at 6000 rpm and 20/40 N axial/radial shaft load
Diagnostic Coverage (DC)
0 %
Electrical specifications
Operating voltage UB
10 ... 30 V DC
Current consumption
max. 230 mA at 10 V DC, max. 100 mA at 24 V DC
Time delay before availability tv
< 1000 ms
Linearity
± 2 LSB at 16 Bit, ± 1 LSB at 13 Bit, ± 0,5 LSB at 12 Bit
Output code
binary code
Code course (counting direction)
programmable,
cw ascending (clockwise rotation, code course ascending)
cw descending (clockwise rotation, code course
descending)
Interface
Interface type
PROFIBUS
Resolution
Single turn
up to 16 Bit
Multiturn
14 Bit
Overall resolution
up to 30 Bit
Transfer rate
0.0096 ... 12 MBit/s
Standard conformity
PNO profile 3.062, RS-485
Connection
Terminal compartment
in removable housing cover
Standard conformity
Degree of protection
DIN EN 60529 ,
shaft side: IP64
housing side: IP65
Climatic testing
DIN EN 60068-2-30 , no moisture condensation
Emitted interference
EN 61000-6-4:2007
Noise immunity
EN 61000-6-2:2005
Shock resistance
DIN EN 60068-2-27, 100 g, 6 ms
Vibration resistance
DIN EN 60068-2-6, 10 g, 10 ... 2000 Hz
Ambient conditions
Operating temperature
-30 ... 55 °C (-22 ... 131 °F)
Storage temperature
-30 ... 70 °C (-22 ... 158 °F)
Mechanical specifications
Material
Combination 1
housing: powder coated aluminum
flange: aluminum
shaft: stainless steel
Mass
approx. 600 g
Rotational speed
max. 6000 min -1
Moment of inertia
30 gcm2
Starting torque
≤ 3 Ncm
Shaft load
Axial
40 N
Radial
110 N
Data for application in connection with
hazardous areas
ATEX marking
¬
II 3G Ex nA IIB T4 Gc X
¬
II 3D Ex tc IIIC T120°C Dc X
Certificate
PF 19 CERT 5194 X
Directive conformity
Directive 2014/34/EU
EN 60079-0:2012+A11:2013 , EN 60079-15:2010 , EN
60079-31:2014
Approvals and certificates
UL approval
cULus Listed, General Purpose, Class 2 Power Source , if
UL marking is marked on the product.
Model Number
PVM58X
Features
•Housing Ø 58 mm
•PROFIBUS interface
•30 Bit multiturn
• Ex approval for zone 2 and zone 22
• Speed transfer
• Extended scaling functions
• Programmable limit switches
•Servo or clamping flange
Description
The absolute encoder corresponds to the
PROFIBUS profile for encoders, order no.
3.062.
For operation based on Class 1, position data
and diagnostic data bytes 1 ... 16 are
available. In addition, the direction of the
code can be selected as either ascending or
descending.
If the rotary encoder is operated according to
Class 2, additional functions to those from
Class 1 are available. These include scaling
of the resolution per revolution and the
overall resolution, as well as the preset
function.
Besides, the rotary encoder offers extended
functionalities such as speed transfer,
extended scaling functions, programmable
limit switches and a commissioning mode.
The removable connecting hood contains
switches for setting the terminating resistor
and setting the address.
This Profibus encoder is designed for
operation in zone 2 and zone 22.
R


Similar Part No. - PVM58X

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
PVM58 PF-PVM58 Datasheet
1Mb / 9P
Multiturn absolute encoder
PVM58N-YY1AGR0BN-1213 PF-PVM58N-YY1AGR0BN-1213 Datasheet
449Kb / 5P
Multiturn absolute encoder
More results

Similar Description - PVM58X

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
ASM58-H PF-ASM58-H Datasheet
374Kb / 7P
Multiturn absolute encoder
AVM58-K PF-AVM58-K Datasheet
413Kb / 8P
Multiturn absolute encoder
CVM58 PF-CVM58 Datasheet
403Kb / 5P
Multiturn absolute encoder
ESM58-TZ PF-ESM58-TZ Datasheet
290Kb / 4P
Multiturn absolute encoder
ESM78E-E PF-ESM78E-E Datasheet
450Kb / 4P
Multiturn absolute encoder
EVM58-IZ PF-EVM58-IZ Datasheet
412Kb / 5P
Multiturn absolute encoder
EVM58-PZ PF-EVM58-PZ Datasheet
395Kb / 5P
Multiturn absolute encoder
EVM78E-E PF-EVM78E-E Datasheet
828Kb / 5P
Multiturn absolute encoder
FSM58 PF-FSM58 Datasheet
277Kb / 5P
Multiturn absolute encoder
FVM58 PF-FVM58 Datasheet
314Kb / 6P
Multiturn absolute encoder
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com