Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVM58X Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # PVM58X
Description  Multiturn absolute encoder
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

PVM58X Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  PVM58X Datasheet HTML 1Page - Pepperl+Fuchs Inc. PVM58X Datasheet HTML 2Page - Pepperl+Fuchs Inc. PVM58X Datasheet HTML 3Page - Pepperl+Fuchs Inc. PVM58X Datasheet HTML 4Page - Pepperl+Fuchs Inc. PVM58X Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Multiturn absolute encoder
PVM58X
2
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
The arrangement of the terminals is shown in the section operating elements.
Dimensions
Electrical connection
Terminal
Explanation
⊥
Ground connection for power supply
B (left)
Data line B (pair 1), Bus In
A (left)
Data line A (pair 1), Bus In
(-)
0 V
(+)
10 V ... 30 V
B (right)
Data line B (pair 2), Bus Out
A (right)
Data line A (pair 2), Bus Out
(-)
0 V
(+)
10 V ... 30 V
The supply lines only have to be connected once (regardless to which terminal). The
outgoing bus is being uncoupled while the terminal resistor is on.
15°
18
10
30
L
3
3.5
3
27.5
12.7
40
60
L: Singleturn = 69
Multiturn = 80
M4 x 0.7
6
M3 x 0.5
6
L
3
27.5
12.7
40
60
3
4
10
L: Singleturn = 69
Multiturn = 80
M4 x 0.7
6



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com