Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS853017 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS853017
Description  QUAD, 1-TO-1 DIFFERENTIAL-TO-2.5V/3.3V/5V LVPECL/ECL RECEIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS853017 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS853017 Datasheet HTML 4Page - Integrated Circuit Systems ICS853017 Datasheet HTML 5Page - Integrated Circuit Systems ICS853017 Datasheet HTML 6Page - Integrated Circuit Systems ICS853017 Datasheet HTML 7Page - Integrated Circuit Systems ICS853017 Datasheet HTML 8Page - Integrated Circuit Systems ICS853017 Datasheet HTML 9Page - Integrated Circuit Systems ICS853017 Datasheet HTML 10Page - Integrated Circuit Systems ICS853017 Datasheet HTML 11Page - Integrated Circuit Systems ICS853017 Datasheet HTML 12Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
853017AM
www.icst.com/products/hiperclocks.html
REV. A APRIL 21, 2004
11
Integrated
Circuit
Systems, Inc.
ICS853017
QUAD, 1-TO-1
DIFFERENTIAL-TO-2.5V/3.3V/5V LVPECL/ECL RECEIVER
PRELIMINARY
PACKAGE OUTLINE - Y SUFFIX FOR 20 LEAD SOIC
TABLE 7. PACKAGE DIMENSIONS
Reference Document: JEDEC Publication 95, MS-013, MO-119
L
O
B
M
Y
S
s
r
e
t
e
m
i
l
l
i
M
m
u
m
i
n
i
Mm
u
m
i
x
a
M
N0
2
A-
-5
6
.
2
1
A0
1
.
0-
-
2
A5
0
.
25
5
.
2
B3
3
.
01
5
.
0
C8
1
.
02
3
.
0
D0
6
.
2
10
0
.
3
1
E0
4
.
70
6
.
7
eC
I
S
A
B
7
2
.
1
H0
0
.
0
15
6
.
0
1
h5
2
.
05
7
.
0
L0
4
.
07
2
.
1
α
°
0°
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com