Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS853017 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS853017
Description  QUAD, 1-TO-1 DIFFERENTIAL-TO-2.5V/3.3V/5V LVPECL/ECL RECEIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS853017 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS853017 Datasheet HTML 1Page - Integrated Circuit Systems ICS853017 Datasheet HTML 2Page - Integrated Circuit Systems ICS853017 Datasheet HTML 3Page - Integrated Circuit Systems ICS853017 Datasheet HTML 4Page - Integrated Circuit Systems ICS853017 Datasheet HTML 5Page - Integrated Circuit Systems ICS853017 Datasheet HTML 6Page - Integrated Circuit Systems ICS853017 Datasheet HTML 7Page - Integrated Circuit Systems ICS853017 Datasheet HTML 8Page - Integrated Circuit Systems ICS853017 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
853017AM
www.icst.com/products/hiperclocks.html
REV. A APRIL 21, 2004
1
Integrated
Circuit
Systems, Inc.
ICS853017
QUAD, 1-TO-1
DIFFERENTIAL-TO-2.5V/3.3V/5V LVPECL/ECL RECEIVER
PRELIMINARY
GENERAL DESCRIPTION
The ICS853017 is a quad 1-to-1, 2.5V/3.3V/5V dif-
ferential LVPECL/ECL receiver and a member of
the HiperclocksTM family of High Performance Clock
Solutions from ICS. The ICS853017 operates with
a positive or negative power supply at 2.5V, 3.3V or
5V, and can accept both single-ended and differential inputs. For
single-ended operation, an internally generated voltage, which is
available on output pin V
BB, can be used as a switching bias volt-
age on the unused input of the differential pair. V
BB can also be
used to rebias AC coupled inputs.
FEATURES
• 4 differential LVPECL / ECL 1:1 receivers
• 4 differential LVPECL clock input pairs
• PCLKx, nPCLKx pairs can accept the following
differential input levels: LVPECL, LVDS, CML, SSTL
• Output frequency: >2GHz (typical)
• Translates any single ended input signal to
LVPECL levels with resistor bias on nPCLKx input
• Output skew: TBD
• Part-to-part skew: TBD
• Propagation delay: 320ps (typical)
• LVPECL mode operating voltage supply range:
V
CC = 2.375V to 5.25V
• ECL mode operating voltage supply range:
V
CC = 0V, VEE = -5.25V to -2.375V
• -40°C to 85°C ambient operating temperature
• Pin compatible with MC100LVEL17
BLOCK DIAGRAM
PIN ASSIGNMENT
HiPerClockS™
ICS
ICS853017
20-Lead, 300-MIL SOIC
7.5mm x 12.8mm x 2.3mm body package
M Package
Top View
VCC
D0
nD0
D1
nD1
D2
nD2
D3
nD3
VBB
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VCC
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
VEE
Q0
nQ0
D0
nD0
Q1
nQ1
D1
nD1
Q2
nQ2
D2
nD2
Q3
nQ3
D3
nD3
V
BB
The Preliminary Information presented herein represents a product in prototyping or pre-production. The noted characteristics are based on initial
product characterization. Integrated Circuit Systems, Incorporated (ICS) reserves the right to change any circuitry or specifications without notice.


Similar Part No. - ICS853017

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS853017 IDT-ICS853017 Datasheet
289Kb / 15P
QUAD, 1-TO-1, DIFFERENTIAL-TO-2.5V, 3.3V, 5V LVPECL RECEIVER
ICS853017AM IDT-ICS853017AM Datasheet
289Kb / 15P
QUAD, 1-TO-1, DIFFERENTIAL-TO-2.5V, 3.3V, 5V LVPECL RECEIVER
ICS853017AMLF IDT-ICS853017AMLF Datasheet
289Kb / 15P
QUAD, 1-TO-1, DIFFERENTIAL-TO-2.5V, 3.3V, 5V LVPECL RECEIVER
ICS853017AMLFT IDT-ICS853017AMLFT Datasheet
289Kb / 15P
QUAD, 1-TO-1, DIFFERENTIAL-TO-2.5V, 3.3V, 5V LVPECL RECEIVER
ICS853017AMT IDT-ICS853017AMT Datasheet
289Kb / 15P
QUAD, 1-TO-1, DIFFERENTIAL-TO-2.5V, 3.3V, 5V LVPECL RECEIVER
More results

Similar Description - ICS853017

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89311U MICREL-SY89311U Datasheet
49Kb / 6P
2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
logo
Integrated Circuit Syst...
ICS853001 ICST-ICS853001 Datasheet
253Kb / 16P
1:1, DIFFERENTIAL LVPECL-TO-2.5V, 3.3V, 5V LVPECL/ECL BUFFER
ICS853013 ICST-ICS853013 Datasheet
218Kb / 17P
LOW SKEW, DUAL, 1-TO-3, DIFFERENTIAL-TO-2.5V/3.3V/5V LVPECL/ECL FANOUT BUFFER
ICS853058 ICST-ICS853058 Datasheet
204Kb / 15P
8:1, DIFFERENTIAL-TO-3.3V OR 2.5V LVPECL/ECL CLOCK MULTIPLEXER
logo
Micrel Semiconductor
SY10EP11U MICREL-SY10EP11U Datasheet
512Kb / 10P
2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U_06 Datasheet
474Kb / 6P
2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
logo
Integrated Device Techn...
ICS853017 IDT-ICS853017 Datasheet
289Kb / 15P
QUAD, 1-TO-1, DIFFERENTIAL-TO-2.5V, 3.3V, 5V LVPECL RECEIVER
logo
Micrel Semiconductor
SY89311U MICREL-SY89311U_14 Datasheet
309Kb / 10P
2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
logo
Renesas Technology Corp
853S111B RENESAS-853S111B Datasheet
896Kb / 27P
Low Skew, 1-to-10, Differential-to-2.5V, 3.3V LVPECL/ECL
November 9, 2017
853S058 RENESAS-853S058 Datasheet
433Kb / 20P
8:1 Differential-to-3.3V or 2.5V LVPECL/ECL Clock Multiplexer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com