Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS853058 Datasheet(PDF) 13 Page - Integrated Circuit Systems

Part # ICS853058
Description  8:1, DIFFERENTIAL-TO-3.3V OR 2.5V LVPECL/ECL CLOCK MULTIPLEXER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS853058 Datasheet(HTML) 13 Page - Integrated Circuit Systems

Back Button ICS853058 Datasheet HTML 7Page - Integrated Circuit Systems ICS853058 Datasheet HTML 8Page - Integrated Circuit Systems ICS853058 Datasheet HTML 9Page - Integrated Circuit Systems ICS853058 Datasheet HTML 10Page - Integrated Circuit Systems ICS853058 Datasheet HTML 11Page - Integrated Circuit Systems ICS853058 Datasheet HTML 12Page - Integrated Circuit Systems ICS853058 Datasheet HTML 13Page - Integrated Circuit Systems ICS853058 Datasheet HTML 14Page - Integrated Circuit Systems ICS853058 Datasheet HTML 15Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
853058AG
www.icst.com/products/hiperclocks.html
REV. A APRIL 13, 2004
13
Integrated
Circuit
Systems, Inc.
ICS853058
8:1, DIFFERENTIAL-TO-
3.3V OR 2.5V LVPECL/ECL CLOCK MULTIPLEXER
PRELIMINARY
RELIABILITY INFORMATION
TRANSISTOR COUNT
The transistor count for ICS853058 is: 326
TABLE 7.
θ
JA
VS
. AIR FLOW TABLE FOR 24 LEAD TSSOP
θθθθθ
JA by Velocity (Meters per Second)
0
1
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
70°C/W
65°C/W
62°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com