Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS853058 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS853058
Description  8:1, DIFFERENTIAL-TO-3.3V OR 2.5V LVPECL/ECL CLOCK MULTIPLEXER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS853058 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS853058 Datasheet HTML 1Page - Integrated Circuit Systems ICS853058 Datasheet HTML 2Page - Integrated Circuit Systems ICS853058 Datasheet HTML 3Page - Integrated Circuit Systems ICS853058 Datasheet HTML 4Page - Integrated Circuit Systems ICS853058 Datasheet HTML 5Page - Integrated Circuit Systems ICS853058 Datasheet HTML 6Page - Integrated Circuit Systems ICS853058 Datasheet HTML 7Page - Integrated Circuit Systems ICS853058 Datasheet HTML 8Page - Integrated Circuit Systems ICS853058 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
853058AG
www.icst.com/products/hiperclocks.html
REV. A APRIL 13, 2004
3
Integrated
Circuit
Systems, Inc.
ICS853058
8:1, DIFFERENTIAL-TO-
3.3V OR 2.5V LVPECL/ECL CLOCK MULTIPLEXER
PRELIMINARY
TABLE 2. PIN CHARACTERISTICS
TABLE 3. CLOCK INPUT FUNCTION TABLE
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
R
N
W
O
D
L
L
U
P
r
o
t
s
i
s
e
R
n
w
o
d
ll
u
P
t
u
p
n
I
5
7K
Ω
R
2
/
D
D
V
r
s
o
t
s
i
s
e
R
n
w
o
d
ll
u
P
/
p
u
ll
u
P
0
5K
Ω
s
t
u
p
n
Is
t
u
p
t
u
O
2
L
E
S1
L
E
S0
L
E
S0
Q0
Q
n
00
0
0
K
L
C
P0
K
L
C
P
n
00
1
1
K
L
C
P1
K
L
C
P
n
01
0
2
K
L
C
P2
K
L
C
P
n
01
1
3
K
L
C
P3
K
L
C
P
n
10
0
4
K
L
C
P4
K
L
C
P
n
10
1
5
K
L
C
P5
K
L
C
P
n
11
0
6
K
L
C
P6
K
L
C
P
n
11
1
7
K
L
C
P7
K
L
C
P
n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com