Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS853052AMT Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS853052AMT
Description  DUAL LVCMOS / LVTTL-TO-DIFFERENTIAL 2.5V, 3.3V, 5V LVPECL MULTIPLEXER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS853052AMT Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS853052AMT Datasheet HTML 1Page - Integrated Circuit Systems ICS853052AMT Datasheet HTML 2Page - Integrated Circuit Systems ICS853052AMT Datasheet HTML 3Page - Integrated Circuit Systems ICS853052AMT Datasheet HTML 4Page - Integrated Circuit Systems ICS853052AMT Datasheet HTML 5Page - Integrated Circuit Systems ICS853052AMT Datasheet HTML 6Page - Integrated Circuit Systems ICS853052AMT Datasheet HTML 7Page - Integrated Circuit Systems ICS853052AMT Datasheet HTML 8Page - Integrated Circuit Systems ICS853052AMT Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
853052AG
www.icst.com/products/hiperclocks.html
REV. A JULY 1, 2004
1
Integrated
Circuit
Systems, Inc.
ICS853052
DUAL LVCMOS / LVTTL-TO-DIFFERENTIAL
2.5V, 3.3V, 5V LVPECL MULTIPLEXER
PRELIMINARY
GENERAL DESCRIPTION
The ICS853052 is a Dual LVCMOS / LVTTL-to-
Differential 2.5V, 3.3V, 5V LVPECL Multiplexer
and a member of the HiPerClocks™family of High
Performance Clocks Solutions from ICS. The
ICS853052 has two selectable single ended
clock inputs. The single ended clock input accepts LVCMOS
or LVTTL input levels and translates them to 2.5V, 3.3V or 5V
LVPECL levels. The small outline 8-pin TSSOP or 8-pin SOIC
packages make this device ideal for applications where space,
high performance and low power are important.
FEATURES
• 1 differential 2.5V, 3.3V or 5V LVPECL output
• 2 selectable LVCMOS/LVTTL clock inputs
• Output frequency: TBD
• Additive phase jitter, RMS: 0.06ps (typical)
• Propagation Delay: 370ps (typical)
• 2.5V, 3.3V or 5V operating supply voltage
(operating range 2.375V to 5.5V)
• -40°C to 85°C ambient operating temperature
• Pin compatible with MC100EP58
BLOCK DIAGRAM
PIN ASSIGNMENT
ICS853052
8-Lead TSSOP, 118 mil
3mm x 3mm x 0.95mm package body
G Package
Top View
8-Lead SOIC, 150 mil
3.90mm x 4.90mm x 1.37mm package body
M Package
Top View
nc
Da
Db
SEL
1
2
3
4
nQ
Q
Da
HiPerClockS™
ICS
VCC
Q
nQ
VEE
8
7
6
5
1
0
Db
SEL
The Preliminary Information presented herein represents a product in prototyping or pre-production. The noted characteristics are based on initial
product characterization. Integrated Circuit Systems, Incorporated (ICS) reserves the right to change any circuitry or specifications without notice.


Similar Part No. - ICS853052AMT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS853052AMT IDT-ICS853052AMT Datasheet
326Kb / 14P
DUAL LVCMOS/LVTTL-TO-DIFFERENTIAL 2.5V, 3.3V, 5V LVPECL MULTIPLEXER
More results

Similar Description - ICS853052AMT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85322 ICST-ICS85322 Datasheet
126Kb / 13P
DUAL LVCMOS/LVTTL-TO-DIFFERENTIAL 2.5V/3.3V LVPECL TRANSLATOR
REV. A JULY 31, 2001
logo
Micrel Semiconductor
SY100EPT22V MICREL-SY100EPT22V Datasheet
88Kb / 8P
3.3V/5V DUAL LVTTL/LVCMOS-to- DIFFERENTIAL LVPECL TRANSLATOR
logo
Integrated Circuit Syst...
ICS85322I ICST-ICS85322I Datasheet
160Kb / 13P
DUAL LVCMOS / LVTTL-TO-DIFFERENTIAL 2.5V / 3.3V LVPECL TRANSLATOR
REV. B OCTOBER 7, 2003
logo
Micrel Semiconductor
SY89322V MICREL-SY89322V_06 Datasheet
468Kb / 5P
3.3V/5V DUAL LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
logo
Integrated Device Techn...
ICS853052 IDT-ICS853052 Datasheet
326Kb / 14P
DUAL LVCMOS/LVTTL-TO-DIFFERENTIAL 2.5V, 3.3V, 5V LVPECL MULTIPLEXER
logo
Micrel Semiconductor
SY10EPT20V MICREL-SY10EPT20V_10 Datasheet
74Kb / 6P
5V/3.3V LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
logo
Integrated Device Techn...
85320 IDT-85320 Datasheet
215Kb / 16P
LVCMOS/LVTTL-to-Differential 3.3V, 2.5V LVPECL Translator
ICS85322I IDT-ICS85322I Datasheet
302Kb / 16P
Dual LVCMOS/LVTTL-To-Differential 2.5V/3.3V LVPECL Translator
logo
Renesas Technology Corp
85322 RENESAS-85322 Datasheet
323Kb / 14P
Dual LVCMOS / LVTTL-to-Differential 2.5V / 3.3V LVPECL Translator
January 20, 2016
ICS85322I RENESAS-ICS85322I Datasheet
714Kb / 17P
Dual LVCMOS/LVTTL-To-Differential 2.5V/3.3V LVPECL Translator
MARCH 6, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com