Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA6V1B1RL Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESDA6V1B1RL
Description  TRANSIL-TM ARRAY FOR ESD PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA6V1B1RL Datasheet(HTML) 1 Page - STMicroelectronics

  ESDA6V1B1RL Datasheet HTML 1Page - STMicroelectronics ESDA6V1B1RL Datasheet HTML 2Page - STMicroelectronics ESDA6V1B1RL Datasheet HTML 3Page - STMicroelectronics ESDA6V1B1RL Datasheet HTML 4Page - STMicroelectronics ESDA6V1B1RL Datasheet HTML 5Page - STMicroelectronics ESDA6V1B1RL Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ESDA6V1B1
®
November 1999 - Ed : 2B
6 BIDIRECTIONAL TRANSIL
™ FUNCTIONS
LOW LEAKAGE CURRENT : IR MAX < 2
µA
200 W PEAK PULSE POWER (8/20
µs)
FEATURES
SO8
FUNCTIONAL DIAGRAM
1
2
3
4
I/O 1
I/O 2
I/O 3
GND
I/ O 6
8
7
6
5
I/ O 4
I/ O 5
GND
DESCRIPTION
The
ESDA6V1B1
is
a
monolithic
voltage
suppressor designed to protect components which
are connected to data and transmission lines
against ESD.
It clamps the voltage just above the logic level
supply for positive and negative transients.
TRANSIL
™ ARRAY
FOR ESD PROTECTION
Application Specific Discretes
A.S.D.
™
Where transient overvoltage protection in ESD
sensitive equipment is required, such as :
- COMPUTER
- PRINTERS
- COMMUNICATION SYSTEMS
- GSM HANDSETS AND ACCESSORIES
- CAR RADIO
It is particularly recommended for parallel port
protection where the line interface withstands only
2kV ESD surge
MAIN APPLICATIONS
BENEFITS
High ESD protection level : up to 25 kV
High integration
Suitable for high density boards
IEC 1000-4-2 : level 4
MIL STD 883C-Method 3015-6 : class 3
(human body model)
COMPLIES WITH THE FOLLOWING STANDARDS :
1/6


Similar Part No. - ESDA6V1B1RL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA6V1BC6 STMICROELECTRONICS-ESDA6V1BC6 Datasheet
49Kb / 6P
QUAD BIDIRECTIONAL TRANSIL SUPPRESSOR FOR ESD PROTECTION
Jan-2002
ESDA6V1BC6 STMICROELECTRONICS-ESDA6V1BC6 Datasheet
59Kb / 6P
QUAD BIDIRECTIONAL TRANSIL SUPPRESSOR FOR ESD PROTECTION
04-Nov-2004
ESDA6V1BC6 STMICROELECTRONICS-ESDA6V1BC6_04 Datasheet
59Kb / 6P
QUAD BIDIRECTIONAL TRANSIL SUPPRESSOR FOR ESD PROTECTION
04-Nov-2004
More results

Similar Description - ESDA6V1B1RL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA25B1 STMICROELECTRONICS-ESDA25B1 Datasheet
41Kb / 5P
TRANSIL ARRAY FOR ESD PROTECTION
02-Apr-1000
ESDA25DB3 STMICROELECTRONICS-ESDA25DB3 Datasheet
48Kb / 5P
TRANSIL ARRAY FOR ESD PROTECTION
02-Apr-1000
ESDA6V1S3 STMICROELECTRONICS-ESDA6V1S3 Datasheet
65Kb / 7P
TRANSIL ARRAY FOR ESD PROTECTION
02-Apr-1000
ESDA17 STMICROELECTRONICS-ESDA17 Datasheet
40Kb / 5P
TRANSIL??ARRAY FOR ESD PROTECTION
Nov-2002
ESDA6V1-5W6 STMICROELECTRONICS-ESDA6V1-5W6 Datasheet
76Kb / 9P
TRANSIL ARRAY FOR ESD PROTECTION
Mar-2000
ESDALC6V1P6 STMICROELECTRONICS-ESDALC6V1P6 Datasheet
160Kb / 10P
QUAD LOW CAPACITANCE TRANSIL TM ARRAY FOR ESD PROTECTION
02-Nov-2005
ESDA14V2-4BF1 STMICROELECTRONICS-ESDA14V2-4BF1 Datasheet
151Kb / 9P
QUAD BIDIRECTIONAL TRANSIL-TM ARRAY FOR ESD PROTECTION
27-May-2004
ESDAXXXP6 STMICROELECTRONICS-ESDAXXXP6 Datasheet
112Kb / 8P
Transil??array for ESD protection
26-Jun-2006
ESDA6V1-5SC6 STMICROELECTRONICS-ESDA6V1-5SC6_04 Datasheet
55Kb / 5P
TRANSIL??ARRAY FOR ESD PROTECTION
04-Nov-2004
ESDA25-4BP6 STMICROELECTRONICS-ESDA25-4BP6 Datasheet
116Kb / 8P
Transil array for ESD protection
22-May-2007
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com