Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA6V1B1RL Datasheet(PDF) 4 Page - STMicroelectronics

Part # ESDA6V1B1RL
Description  TRANSIL-TM ARRAY FOR ESD PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA6V1B1RL Datasheet(HTML) 4 Page - STMicroelectronics

  ESDA6V1B1RL Datasheet HTML 1Page - STMicroelectronics ESDA6V1B1RL Datasheet HTML 2Page - STMicroelectronics ESDA6V1B1RL Datasheet HTML 3Page - STMicroelectronics ESDA6V1B1RL Datasheet HTML 4Page - STMicroelectronics ESDA6V1B1RL Datasheet HTML 5Page - STMicroelectronics ESDA6V1B1RL Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
0
25
50
75
100
125
150
175
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
Ppp[Tj initial]/Ppp[Tj initial=25°C]
Tj initial(°C)
Fig. 1 : Peak power dissipation versus initial
junction temperature.
0
5
10
15
20
25
30
35
40
45
50
0.1
1.0
10.0
50.0
Ipp(A)
tp=2.5µs
Vcl(V)
Fig.
3 : Clamping voltage versus peak pulse
current (Tj initial = 25 °C).
Rectangular waveform tp = 2.5
µs.
1
10
100
10
100
1000
2000
Ppp(W)
tp(µs)
Fig. 2 : Peak pulse power versus exponential
pulse duration (Tj initial = 25 °C).
12
3
4
6
5
25
30
35
40
45
50
C(pF)
F=1MHz
Vosc=30mV
VR(V)
Fig. 4 : Capacitance versus reverse applied
voltage (typical values).
25
50
75
100
125
150
1.0
1.2
1.4
1.6
1.8
2.0
2.2
IR[Tj] / IR[Tj=25°C]
Tj(°C)
Fig. 5 : Relative variation of leakage current versus
junction temperature (typical values).
ESDA6V1B1
4/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com