Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS853111 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS853111
Description  LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS853111 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS853111 Datasheet HTML 1Page - Integrated Circuit Systems ICS853111 Datasheet HTML 2Page - Integrated Circuit Systems ICS853111 Datasheet HTML 3Page - Integrated Circuit Systems ICS853111 Datasheet HTML 4Page - Integrated Circuit Systems ICS853111 Datasheet HTML 5Page - Integrated Circuit Systems ICS853111 Datasheet HTML 6Page - Integrated Circuit Systems ICS853111 Datasheet HTML 7Page - Integrated Circuit Systems ICS853111 Datasheet HTML 8Page - Integrated Circuit Systems ICS853111 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
853111AY
www.icst.com/products/hiperclocks.html
REV. D JULY 22, 2003
1
Integrated
Circuit
Systems, Inc.
ICS853111
LOW SKEW, 1-TO-10
DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
PRELIMINARY
32-Lead LQFP
7mm x 7mm x 1.4mm package body
Y Package
Top View
GENERAL DESCRIPTION
The ICS853111 is a low skew, high perfor-
mance 1-to-10 Differential-to-2.5V/3.3V LVPECL/
ECL Fanout Buffer and a member of the
HiPerClockS™ family of High Performance
Clock Solutions from ICS. The ICS853111
is characterized to operate from either a 2.5V or a 3.3V
power supply. Guaranteed output and part-to-part skew
characteristics make the ICS853111 ideal for those clock
distribution applications demanding well defined perfor-
mance and repeatability.
FEATURES
• 10 differential 2.5V/3.3V LVPECL / ECL outputs
• 2 selectable differential input pairs
• PCLKx, nPCLKx pairs can accept the following
differential input levels: LVPECL, LVDS, CML, SSTL
• Maximum output frequency: >3GHz
• Translates any single ended input signal to 3.3V
LVPECL levels with resistor bias on nPCLK input
• Output skew: TBD
• Part-to-part skew: TBD
• Propagation delay: TBD
• LVPECL mode operating voltage supply range:
V
CC = 2.375V to 3.8V, VEE = 0V
• ECL mode operating voltage supply range:
V
CC = 0V, VEE = -3.8V to -2.375V
• -40°C to 85°C ambient operating temperature
• Pin compatible with MC100EP111 and MC100LVEP111
BLOCK DIAGRAM
PIN ASSIGNMENT
HiPerClockS™
,&6
24 23 22 21 20 19 18 17
1
2
3
4
5
6
7
8
25
26
27
28
29
30
31
32
16
15
14
13
12
11
10
9
VCCO
Q7
nQ7
Q8
nQ8
Q9
nQ9
VCCO
VCCO
nQ2
Q2
nQ1
Q1
nQ0
Q0
VCCO
ICS853111
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
Q4
nQ4
Q5
nQ5
Q6
nQ6
Q7
nQ7
Q8
nQ8
Q9
nQ9
PCLK0
nPCLK0
0
1
PCLK1
nPCLK1
CLK_SEL
V
BB
The Preliminary Information presented herein represents a product in prototyping or pre-production. The noted characteristics are based on initial
product characterization. Integrated Circuit Systems, Incorporated (ICS) reserves the right to change any circuitry or specifications without notice.


Similar Part No. - ICS853111

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS853111-01 ICST-ICS853111-01 Datasheet
230Kb / 15P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-3.3V LVPECL/ECL FANOUT BUFFER
logo
Integrated Device Techn...
ICS853111-01 IDT-ICS853111-01 Datasheet
214Kb / 15P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-3.3V LVPECL/ECL FANOUT BUFFER
logo
Integrated Circuit Syst...
ICS853111-02 ICST-ICS853111-02 Datasheet
207Kb / 18P
LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. A JANUARY 10, 2006
ICS853111A ICST-ICS853111A Datasheet
320Kb / 18P
LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. B MAY 14, 2004
logo
Integrated Device Techn...
ICS853111A IDT-ICS853111A Datasheet
925Kb / 19P
LOW SKEW, 1-TO-10, DIFFERENTIAL-TOLVPECL/ ECL FANOUT BUFFER
More results

Similar Description - ICS853111

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85310I-01 ICST-ICS85310I-01 Datasheet
175Kb / 15P
LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
REV. F JANUARY16, 2006
ICS85310I-11 ICST-ICS85310I-11 Datasheet
190Kb / 16P
LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
REV. E JULY 7, 2005
ICS853111-02 ICST-ICS853111-02 Datasheet
207Kb / 18P
LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. A JANUARY 10, 2006
ICS853111A ICST-ICS853111A Datasheet
320Kb / 18P
LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. B MAY 14, 2004
ICS853111B ICST-ICS853111B Datasheet
217Kb / 18P
LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. A JUNE 16, 2005
logo
Integrated Device Techn...
ICS853111B IDT-ICS853111B Datasheet
868Kb / 19P
LOW SKEW, 1-TO-10, DIFFERENTIAL-TO- 2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
853S111B IDT-853S111B_16 Datasheet
451Kb / 25P
Low Skew, 1-to-10, Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
85310I-01 IDT-85310I-01 Datasheet
281Kb / 18P
Low Skew, 1-to-10 Differential-to-3.3V, 2.5V LVPECL/ECL Fanout Buffer
85310I-11 IDT-85310I-11 Datasheet
289Kb / 18P
Low Skew, 1-to-10 Differential-to-3.3V, 2.5V LVPECL/ECL Fanout Buffer
logo
Renesas Technology Corp
85310I-01 RENESAS-85310I-01 Datasheet
430Kb / 19P
Low Skew, 1-to-10 Differential-to-3.3V, 2.5V LVPECL/ECL Fanout Buffer
7/8/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com