Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS853111AY Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS853111AY
Description  LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS853111AY Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS853111AY Datasheet HTML 4Page - Integrated Circuit Systems ICS853111AY Datasheet HTML 5Page - Integrated Circuit Systems ICS853111AY Datasheet HTML 6Page - Integrated Circuit Systems ICS853111AY Datasheet HTML 7Page - Integrated Circuit Systems ICS853111AY Datasheet HTML 8Page - Integrated Circuit Systems ICS853111AY Datasheet HTML 9Page - Integrated Circuit Systems ICS853111AY Datasheet HTML 10Page - Integrated Circuit Systems ICS853111AY Datasheet HTML 11Page - Integrated Circuit Systems ICS853111AY Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
853111AY
www.icst.com/products/hiperclocks.html
REV. D JULY 22, 2003
8
Integrated
Circuit
Systems, Inc.
ICS853111
LOW SKEW, 1-TO-10
DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
PRELIMINARY
The clock layout topology shown below is a typical termina-
tion for LVPECL outputs. The two different layouts mentioned
are recommended only as guidelines.
FOUT and nFOUT are low impedance follower outputs that gen-
erate ECL/LVPECL compatible outputs. Therefore, terminating
resistors (DC current path to ground) or current sources must
be used for functionality. These outputs are designed to drive
3.3V
F
OUT
F
IN
5
2 Zo
Z
o
5
2
Z
o
3
2
Z
o
3
2
Z
o = 50Ω
Z
o = 50Ω
RTT =
1
(V
OH + VOL / VCC –2) –2
Z
o
Z
o = 50Ω
Z
o = 50Ω
50
Ω
50
Ω
RTT
V
CC - 2V
F
IN
F
OUT
50
Ω transmission lines. Matched impedance techniques should
be used to maximize operating frequency and minimize signal
distortion.
Figures 3A and 3B show two different layouts which
are recommended only as guidelines. Other suitable clock lay-
outs may exist and it would be recommended that the board
designers simulate to guarantee compatibility across all printed
circuit and clock component process variations.
FIGURE 3B. LVPECL OUTPUT TERMINATION
FIGURE 3A. LVPECL OUTPUT TERMINATION
TERMINATION FOR 3.3V LVPECL OUTPUTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com