Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS853111AY Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS853111AY
Description  LOW SKEW, 1-TO-10 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS853111AY Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS853111AY Datasheet HTML 5Page - Integrated Circuit Systems ICS853111AY Datasheet HTML 6Page - Integrated Circuit Systems ICS853111AY Datasheet HTML 7Page - Integrated Circuit Systems ICS853111AY Datasheet HTML 8Page - Integrated Circuit Systems ICS853111AY Datasheet HTML 9Page - Integrated Circuit Systems ICS853111AY Datasheet HTML 10Page - Integrated Circuit Systems ICS853111AY Datasheet HTML 11Page - Integrated Circuit Systems ICS853111AY Datasheet HTML 12Page - Integrated Circuit Systems ICS853111AY Datasheet HTML 13Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
853111AY
www.icst.com/products/hiperclocks.html
REV. D JULY 22, 2003
9
Integrated
Circuit
Systems, Inc.
ICS853111
LOW SKEW, 1-TO-10
DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
PRELIMINARY
TERMINATION FOR 2.5V LVPECL OUTPUT
Figure 3A and Figure 4B show examples of termination for 2.5V
LVPECL driver. These terminations are equivalent to terminat-
ing 50
Ω to V
CC - 2V. For VCC = 2.5V, the VCC - 2V is very close to
ground level. The R3 in
Figure 4B can be eliminated and the
termination is shown in
Figure 4C.
R2
50
Zo = 50 Ohm
VCCO=2.5V
R1
50
Zo = 50 Ohm
+
-
2.5V
2,5V LVPECL
Driv er
FIGURE 4B. 2.5V LVPECL DRIVER TERMINATION EXAMPLE
VCCO=2.5V
R1
50
R2
50
Zo = 50 Ohm
R3
18
2,5V LVPECL
Driv er
Zo = 50 Ohm
+
-
2.5V
FIGURE 4A. 2.5V LVPECL DRIVER TERMINATION EXAMPLE
R2
62.5
2.5V
2,5V LVPECL
Driv er
R3
250
Zo = 50 Ohm
Zo = 50 Ohm
R4
62.5
2.5V
+
-
R1
250
VCCO=2.5V
FIGURE 4C. 2.5V LVPECL TERMINATION EXAMPLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com