Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX98310 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX98310
Description  2.5V to 5.5V Single-Supply Operation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX98310 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX98310 Datasheet HTML 1Page - Maxim Integrated Products MAX98310 Datasheet HTML 2Page - Maxim Integrated Products MAX98310 Datasheet HTML 3Page - Maxim Integrated Products MAX98310 Datasheet HTML 4Page - Maxim Integrated Products MAX98310 Datasheet HTML 5Page - Maxim Integrated Products MAX98310 Datasheet HTML 6Page - Maxim Integrated Products MAX98310 Datasheet HTML 7Page - Maxim Integrated Products MAX98310 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
General Description
The MAX98309 evaluation kit (EV kit) is a fully assembled
and tested circuit board that evaluates the MAX98309
mono 1.4W Class AB audio amplifier. The amplifier gain
can be set through external resistors. The EV kit operates
from a single 2.5V to 5.5V power supply.
The EV kit can also evaluate the MAX98310 internally
fixed gain mono 1.4W Class AB audio amplifier.
Features
S
2.5V to 5.5V Single-Supply Operation
S
Differential or Single-Ended Input
S
Pin-Selectable Turn-On Time
S
1.8V Logic-Compatible SHDN Input
S
Proven PCB Layout
S
Fully Assembled and Tested
DESIGNATION
QTY
DESCRIPTION
C1, C2, C3
3
1FF Q10%, 16V X5R ceramic
capacitors (0402)
TDK C1005X5R1C105K
C4
1
10FF Q10%, 6.3V X5R ceramic
capacitor (0603)
Murata GRM188R60J106K
C5
1
0.1FF Q10%, 16V X7R ceramic
capacitor (0402)
Murata GRM155R71C104K
GND, OUT+,
OUT-, VDD
4
Binding posts
IN
1
White side-entry, PCB-mount
phono jack
DESIGNATION
QTY
DESCRIPTION
JU1
1
3-pin header
JU2
1
4-pin header
JU3
1
2-pin header
R1–R4
4
10kI Q1% resistors (0402)
SHDN
1
PCB miniature red test point
U1
1
Mono 1.4W Class AB audio
amplifier (9 WLP)
Maxim MAX98309EWL+
—
3
Shunts
—
1
PCB: MAX98309 EVALUATION
KIT
SUPPLIER
PHONE
WEBSITE
Murata Electronics North America, Inc.
770-436-1300
www.murata-northamerica.com
TDK Corp.
847-803-6100
www.component.tdk.com
MAX98309 Evaluation Kit
Evaluates: MAX98309/MAX98310
_________________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Component List
19-5979; Rev 0; 7/11
Ordering Information appears at end of data sheet.
Component Suppliers
Note: Indicate that you are using the MAX98309 when contacting these component suppliers.


Similar Part No. - MAX98310

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX98310 AD-MAX98310 Datasheet
2Mb / 14P
Mono 1.4W Class AB Audio Amplifiers
Rev 0 6/11
logo
Maxim Integrated Produc...
MAX98310EWL MAXIM-MAX98310EWL Datasheet
2Mb / 14P
Mono 1.4W Class AB Audio Amplifiers 2.5V to 5.5V Supply Operation
Rev 0; 7/11
logo
Analog Devices
MAX98310EWL+ AD-MAX98310EWL+ Datasheet
2Mb / 14P
Mono 1.4W Class AB Audio Amplifiers
Rev 0 6/11
More results

Similar Description - MAX98310

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4001EVKIT MAXIM-MAX4001EVKIT Datasheet
156Kb / 5P
2.7V to 5.5V Single-Supply Operation
Rev 0; 9/02
MAX2750EVKIT MAXIM-MAX2750EVKIT Datasheet
113Kb / 2P
2.7V to 5.5V Single-Supply Operation
Rev 0; 10/00
MAX5389EVKIT MAXIM-MAX5389EVKIT Datasheet
645Kb / 7P
2.8V to 5.5V Single-Supply Operation
Rev 0; 4/10
MAX44264EVKIT MAXIM-MAX44264EVKIT Datasheet
844Kb / 7P
1.8V to 5.5V Single-Supply Operation
19-5757; Rev 0; 2/11
MAX98358 MAXIM-MAX98358 Datasheet
589Kb / 13P
2.5V to 5.5V Single-Supply Operation
19-3853; Rev 0; 2/17
MAX98356EVKIT MAXIM-MAX98356EVKIT Datasheet
2Mb / 20P
2.5V to 5.5V Single-Supply Operation
19-6408; Rev 0; 7/12
MAX98355EVKIT MAXIM-MAX98355EVKIT Datasheet
1Mb / 16P
2.5V to 5.5V Single-Supply Operation
19-6407; Rev 0; 7/12
MAX98502EVKIT MAXIM-MAX98502EVKIT Datasheet
1Mb / 7P
2.5V to 5.5V Single-Supply Operation
19-6275; Rev 0; 4/12
MAX3160EEVKIT MAXIM-MAX3160EEVKIT Datasheet
160Kb / 7P
3V to 5.5V Single-Supply Operation
2007
MAX3162EVKIT MAXIM-MAX3162EVKIT Datasheet
896Kb / 6P
3.0V to 5.5V Single-Supply Operation
2009
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com