Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX98310 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX98310
Description  2.5V to 5.5V Single-Supply Operation
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX98310 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX98310 Datasheet HTML 1Page - Maxim Integrated Products MAX98310 Datasheet HTML 2Page - Maxim Integrated Products MAX98310 Datasheet HTML 3Page - Maxim Integrated Products MAX98310 Datasheet HTML 4Page - Maxim Integrated Products MAX98310 Datasheet HTML 5Page - Maxim Integrated Products MAX98310 Datasheet HTML 6Page - Maxim Integrated Products MAX98310 Datasheet HTML 7Page - Maxim Integrated Products MAX98310 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SHUNT
POSITION
SHDN PIN
DEVICE
OPERATION
1-2
Connected to GND
Disabled
2-3*
Connected to VDD
Enabled
_________________________________________________________________ Maxim Integrated Products 2
MAX98309 Evaluation Kit
Evaluates: MAX98309/MAX98310
Quick Start
Recommended Equipment
• MAX98309 EV kit
• 2.5V to 5.5V DC supply
• 8I speaker
• Mono audio signal source
Procedure
The EV kit is fully assembled and tested. Follow the steps
below to verify board operation. Caution: Do not turn on
the power supply until all connections are completed.
1) Verify that shunts are installed as follows:
JU1: Pins 2-3 (device enabled)
JU2: Pins 1-2 (turn-on time of 100ms)
JU3: Installed (single-ended input)
2) Connect the positive terminal of the power supply
to the VDD PCB pad on the EV kit. Connect the
negative terminal of the power supply to the GND
PCB pad on the EV kit.
4) Verify that the audio source output is disabled.
5) Connect the single-ended mono audio source to the
IN phono jack or between the IN+ and IN- PCB pads
on the EV kit.
6) Connect the speaker across the OUT+ and OUT-
test pads.
7) Set the power-supply output to 3.7V.
8) Enable the power-supply output.
9) Enable the audio source.
10) Verify that the speaker is playing the audio source
signal.
Detailed Description of Hardware
The MAX98309 EV kit is a fully assembled and tested
circuit board that evaluates the MAX98309 mono 1.4W
Class AB audio amplifier. The amplifier gain can be set
through external resistors.
The EV kit can also evaluate the MAX98310 internally fixed
gain mono 1.4W Class AB audio amplifier. To evaluate
the MAX98310, remove R2 and R4, and replace R1 and
R3 with 0I resistors.
Shutdown Mode (SHDN)
The EV kit features 2-pin jumper JU1 to control the active-
low shutdown input of the IC. Drive SHDN high to place
the device in normal operation; drive SHDN low to place
the device in the low-power shutdown mode. See Table 1
for shunt positions.
Turn-On Time
The MAX98309/MAX98310 have excellent click-and-pop
performance with respect to the SHDN pin activation/
deactivation.
Jumper JU2 demonstrates the IC’s selectable turn-on-
time feature for optimized click-and-pop performance.
Connect TON to GND for a 10ms turn-on time. Connect
TON to VDD for a 100ms turn-on time. See Table 2 for
selectable turn-on times.
The MAX98310 has a preset 5ms turn-on time.
Amplifier Gain
The EV kit provides resistors R1–R4 to externally set the
differential gain. The default gain is 1V/V or 0dB. Set the
gain of the amplifier as follows:
F
V
IN
R
A
R
=
where AV is the desired voltage gain, RF is the value of
feedback resistors R2 and R4, and RIN is the value of
input resistors R1 and R3.
When evaluating the MAX98310, jumper JU2 controls
the GAIN input pin and selects the four internally fixed
differential gain options. See Table 2 for selectable gain
options.
Input Mode
Jumper JU3 provides the option to select between a
differential or single-ended input mode for the EV kit. See
Table 3 for jumper JU3 configurations.
Table 1. Shutdown Mode (JU1)
*Default position.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com