Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS853210 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS853210
Description  LOW SKEW, DUAL, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS853210 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS853210 Datasheet HTML 1Page - Integrated Circuit Systems ICS853210 Datasheet HTML 2Page - Integrated Circuit Systems ICS853210 Datasheet HTML 3Page - Integrated Circuit Systems ICS853210 Datasheet HTML 4Page - Integrated Circuit Systems ICS853210 Datasheet HTML 5Page - Integrated Circuit Systems ICS853210 Datasheet HTML 6Page - Integrated Circuit Systems ICS853210 Datasheet HTML 7Page - Integrated Circuit Systems ICS853210 Datasheet HTML 8Page - Integrated Circuit Systems ICS853210 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
853210AY
www.icst.com/products/hiperclocks.html
REV. A NOVEMBER 12, 2003
1
Integrated
Circuit
Systems, Inc.
ICS853210
LOW SKEW, DUAL, 1-TO-5
DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
GENERAL DESCRIPTION
The ICS853210 is a low skew, high perfor-
mance dual 1-to- 5 Differential-to-2.5V/3.3V
LVPECL/ECL Fanout Buffer and a member of
the HiPerClockS™family of High Performance
Clock Solutions from ICS. The ICS853210
is characterized to operate from either a 2.5V or a 3.3V
power supply. Guaranteed output and par t-to-par t skew
characteristics make the ICS853210 ideal for those clock
distribution applications demanding well defined perfor-
mance and repeatability.
FEATURES
• 2 differential 2.5V/3.3V LVPECL / ECL bank outputs
• 2 differential clock input pairs
• PCLKx, nPCLKx pairs can accept the following
differential input levels: LVPECL, LVDS, CML, SSTL
• Maximum output frequency: >3GHz
• Translates any single ended input signal to 3.3V
LVPECL levels with resistor bias on nPCLKx input
• Output skew: 13ps (typical)
• Part-to-part skew: 85ps (typical)
• Propagation delay: 485ps (typical)
• LVPECL mode operating voltage supply range:
V
CC = 2.375V to 3.8V, VEE = 0V
• ECL mode operating voltage supply range:
V
CC = 0V, VEE = -2.375V to -3.8V
• -40°C to 85°C ambient operating temperature
• Pin compatible with MC100EP210 and MC100LVEP210
BLOCK DIAGRAM
PIN ASSIGNMENT
HiPerClockS™
ICS
32-Lead LQFP
7mm x 7mm x 1.4mm package body
Y Package
Top View
QA0
nQA0
QA1
nQA1
QA2
nQA2
QA3
nQA3
QA4
nQA4
PCLKA
nPCLKA
QB0
nQB0
QB1
nQB1
QB2
nQB2
QB3
nQB3
QB4
nQB4
PCLKB
nPCLKB
ICS853210
24 23 22 21 20 19 18 17
1
2
3
4
5
6
7
8
25
26
27
28
29
30
31
32
16
15
14
13
12
11
10
9
VCCO
QB2
nQB2
QB3
nQB3
QB4
nQB4
VCCO
VCCO
nQA2
QA2
nQA1
QA1
nQA0
QA0
VCCO
V
BB


Similar Part No. - ICS853210

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8532-01 ICST-ICS8532-01 Datasheet
153Kb / 13P
LOW SKEW, 1-TO-17 DIFFERENTIAL-TO-3.3V LVPECL FANOUT BUFFER
REV. B AUGUST 9, 2001
ICS85320AMI ICST-ICS85320AMI Datasheet
198Kb / 14P
LVCMOS / LVTTL-TO-DIFFERENTIAL 2.5V / 3.3V LVPECL TRANSLATOR
REV. A AUGUST 25, 2004
logo
Integrated Device Techn...
ICS85320AMI IDT-ICS85320AMI Datasheet
1Mb / 16P
LVCMOS/LVTTL-TO-DIFFERENTIAL 3.3V, 2.5V LVPECL TRANSLATOR
ICS85320AMILF IDT-ICS85320AMILF Datasheet
1Mb / 16P
LVCMOS/LVTTL-TO-DIFFERENTIAL 3.3V, 2.5V LVPECL TRANSLATOR
ICS85320AMILF IDT-ICS85320AMILF Datasheet
1Mb / 16P
LVCMOS/LVTTL-TO-DIFFERENTIAL 3.3V, 2.5V LVPECL TRANSLATOR
More results

Similar Description - ICS853210

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS853011 ICST-ICS853011 Datasheet
245Kb / 16P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. C JULY 13, 2005
ICS853014 ICST-ICS853014 Datasheet
470Kb / 17P
LOW SKEW, 1-TO-5 2.5V/3.3V DIFFERENTIAL-TO-LVPECL/ECL FANOUT BUFFER
REV. C MAY 13, 2005
ICS85310I-21 ICST-ICS85310I-21 Datasheet
188Kb / 15P
LOW SKEW, DUAL, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
REV. D JUNE 30, 2005
ICS85310I-31 ICST-ICS85310I-31 Datasheet
204Kb / 16P
LOW SKEW, DUAL, 1-TO-5 2.5V/3.3V DIFFERENTIAL-TO-ECL/LVPECL FANOUT BUFFER
REV. D JULY 6, 2005
logo
Integrated Device Techn...
ICS853014 IDT-ICS853014 Datasheet
1Mb / 19P
LOW SKEW, 1-TO-5, DIFFERENTIAL-TO- 2.5V, 3.3V LVPECL/ECL FANOUT BUFFER
logo
Renesas Technology Corp
85310I-21 RENESAS-85310I-21 Datasheet
290Kb / 17P
LOW SKEW, DUAL, 1-TO-5 DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
June 24, 2016
85310I-31 RENESAS-85310I-31 Datasheet
233Kb / 17P
Low Skew, Dual, 1-to-5, 2.5V/3.3V Differential-to-ECL/LVPECL Fanout Buffer
REVISION E 11/9/15
85311I RENESAS-85311I Datasheet
628Kb / 18P
Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ ECL Fanout Buffer
February 18, 2016
ICS853S013I RENESAS-ICS853S013I Datasheet
1,003Kb / 17P
Low Skew, Dual, 1-to-3, Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
AUGUST 20, 2010
ICS853S014I RENESAS-ICS853S014I Datasheet
445Kb / 21P
Low Skew, 1-to-5, Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
MAY 23, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com