Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF01PMR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STCF01PMR
Description  Step-up Converter for Cell Phone Camera Flash LEDs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF01PMR Datasheet(HTML) 1 Page - STMicroelectronics

  STCF01PMR Datasheet HTML 1Page - STMicroelectronics STCF01PMR Datasheet HTML 2Page - STMicroelectronics STCF01PMR Datasheet HTML 3Page - STMicroelectronics STCF01PMR Datasheet HTML 4Page - STMicroelectronics STCF01PMR Datasheet HTML 5Page - STMicroelectronics STCF01PMR Datasheet HTML 6Page - STMicroelectronics STCF01PMR Datasheet HTML 7Page - STMicroelectronics STCF01PMR Datasheet HTML 8Page - STMicroelectronics STCF01PMR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Preliminary Data
October 2005
1/16
16
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
Rev. 1
STCF01
Step-up Converter for Cell Phone Camera Flash LEDs
Features
I Supply voltage range: 2.6V to 5.5V
I 17V Maximum Output Voltage
I Two levels of current up to 300mA set with
external resistors
I Dedicated pin to select the required level of
current
I Operating frequency: 1.5MHz: PWM Controller
I Torch mode supported
I Shutdown pin with true load disconnection
I Efficiency: 90% at 100mA; 80% at 300mA
I DFN10L (3mm x 3mm) Package
Description
The STCF01 is a dedicated IC designed to drive
two, three, or four white, cell phone camera flash
LEDs with constant current. The step-up (boost)
converter input is connected directly to the battery,
and its converter output voltage is automatically
determined using current feedback-based duty
cycle control.
The STCF01 has a dedicated pin for two levels of
LED current selection. An external resistor is used
to set the required current for each level.
Compared to the linear current control technique,
this method allows designers to achieve the best
and most efficient performance possible with the
selected current, thereby avoiding linear element
losses.
The Shutdown (SHDN) pin saves power when the
camera flash is not used by consuming less than
0.1µA of current. When the SHDN pin is high
(logic '1'), the device is turned OFF and there is no
DC current path from the supply to the white LEDs
(Load Disconnect). If it is held to GND, the output
current continuously flows through the LEDs
(Torch mode). The SHDN pin, when it is set to low
(logic '0'), is also used to set the flash function
time duration.
www.st.com
DFN10L (3x3)
Order Codes
Type
Package
Comments
STCF01PMR
DFN10L (3mm x 3mm)
4500 parts per reel


Similar Part No. - STCF01PMR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCF01PMR STMICROELECTRONICS-STCF01PMR Datasheet
348Kb / 16P
Step-up converter for cell phone camera flash LEDs
18-Oct-2006
More results

Similar Description - STCF01PMR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62731FU TOSHIBA-TB62731FU Datasheet
350Kb / 9P
Step up DC-DC converter for LEDs
logo
Rohm
BD1937G ROHM-BD1937G Datasheet
291Kb / 6P
Step-up DC/DC converter for mobile phone
BD6062GU ROHM-BD6062GU Datasheet
355Kb / 6P
Flash LED Driver for mobile phone with camera
BD6067GU ROHM-BD6067GU Datasheet
314Kb / 6P
Step-up DC/DC converter for mobile phone
logo
Advanced Analogic Techn...
AAT1270 ANALOGICTECH-AAT1270 Datasheet
724Kb / 18P
1A Step-Up Current Regulator for Flash LEDs
AAT1270 ANALOGICTECH-AAT1270_08 Datasheet
566Kb / 18P
1A Step-Up Current Regulator for Flash LEDs
AAT1271 ANALOGICTECH-AAT1271 Datasheet
2Mb / 19P
1.5A Step-Up Current Regulator for Flash LEDs
AAT1271A ANALOGICTECH-AAT1271A Datasheet
2Mb / 19P
1.5A Step-Up Current Regulator for Flash LEDs
logo
STMicroelectronics
STCF01 STMICROELECTRONICS-STCF01_06 Datasheet
348Kb / 16P
Step-up converter for cell phone camera flash LEDs
18-Oct-2006
logo
Anpec Electronics Corop...
APW7236 ANPEC-APW7236 Datasheet
363Kb / 17P
1.5MHz Step-Up Converter for White LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com