Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCF01PMR Datasheet(PDF) 11 Page - STMicroelectronics

Part # STCF01PMR
Description  Step-up Converter for Cell Phone Camera Flash LEDs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCF01PMR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STCF01PMR Datasheet HTML 7Page - STMicroelectronics STCF01PMR Datasheet HTML 8Page - STMicroelectronics STCF01PMR Datasheet HTML 9Page - STMicroelectronics STCF01PMR Datasheet HTML 10Page - STMicroelectronics STCF01PMR Datasheet HTML 11Page - STMicroelectronics STCF01PMR Datasheet HTML 12Page - STMicroelectronics STCF01PMR Datasheet HTML 13Page - STMicroelectronics STCF01PMR Datasheet HTML 14Page - STMicroelectronics STCF01PMR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
STCF01
7 Typical Operating Characteristics
11/16
Figure 16. Maximum Duty Cycle Vs
Temperature
Figure 17. Turn On and Off Response
Figure 18. Turn On Time
Figure 19. Start Up Transient
Figure 20. Multi Shoot Mode
Figure 21. Torch Mode Behavior
VSHDN=pulse, FREQ.=1Hz, Tr=Tf=10µs
VSHDN=pulse, FREQ.=1Hz, Tr=Tf=10µs
VI=0 to 3.6V, VSEL=GND, VSHDN=GND
VSEL=GND, VSHDN=pulse
VSEL=GND, VSHDN=GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com