Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1002AI01L Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS1002AI01L
Description  FEMTOCLOCKS??CRYSTAL-TO-HSTL FREQUENCY SYNTHESIZER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1002AI01L Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS1002AI01L Datasheet HTML 1Page - Integrated Circuit Systems ICS1002AI01L Datasheet HTML 2Page - Integrated Circuit Systems ICS1002AI01L Datasheet HTML 3Page - Integrated Circuit Systems ICS1002AI01L Datasheet HTML 4Page - Integrated Circuit Systems ICS1002AI01L Datasheet HTML 5Page - Integrated Circuit Systems ICS1002AI01L Datasheet HTML 6Page - Integrated Circuit Systems ICS1002AI01L Datasheet HTML 7Page - Integrated Circuit Systems ICS1002AI01L Datasheet HTML 8Page - Integrated Circuit Systems ICS1002AI01L Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
8421002AGI-01
www.icst.com/products/hiperclocks.html
REV. A FEBRUARY 6, 2006
4
Integrated
Circuit
Systems, Inc.
ICS8421002I-01
FEMTOCLOCKS™CRYSTAL-TO-
HSTL FREQUENCY SYNTHESIZER
TABLE 4. CRYSTAL CHARACTERISTICS
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
n
o
i
t
a
ll
i
c
s
O
f
o
e
d
o
M
l
a
t
n
e
m
a
d
n
u
F
y
c
n
e
u
q
e
r
F
4
.
2
25
22
.
7
2z
H
M
)
R
S
E
(
e
c
n
a
t
s
i
s
e
R
s
e
i
r
e
S
t
n
e
l
a
v
i
u
q
E
0
5
Ω
e
c
n
a
t
i
c
a
p
a
C
t
n
u
h
S
7F
p
l
e
v
e
L
e
v
i
r
D
1W
m
.
l
a
t
s
y
r
c
t
n
a
n
o
s
e
r
l
e
ll
a
r
a
p
F
p
8
1
n
a
g
n
i
s
u
d
e
z
i
r
e
t
c
a
r
a
h
C
:
E
T
O
N
TABLE 3D. HSTL DC CHARACTERISTICS, V
DD = VDDA = 3.3V±5%,VDDO = 1.8V±0.2V, T
A
= -40°C TO 85°C
TABLE 3E. HSTL DC CHARACTERISTICS, V
DD = VDDA = 2.5V±5%,VDDO = 1.8V±0.2V, T
A
= -40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
O
1
E
T
O
N
;
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O
0
.
15
.
1V
V
L
O
1
E
T
O
N
;
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O
05
.
0V
V
X
O
2
E
T
O
N
;
e
g
a
t
l
o
V
r
e
v
o
s
s
o
r
C
t
u
p
t
u
O
0
40
6%
V
G
N
I
W
S
g
n
i
w
S
e
g
a
t
l
o
V
t
u
p
t
u
O
k
a
e
P
-
o
t
-
k
a
e
P
6
.
03
.
1V
0
5
h
t
i
w
d
e
t
a
n
i
m
r
e
t
s
t
u
p
t
u
O
:
1
E
T
O
N
Ω
.
d
n
u
o
r
g
o
t
.
n
o
i
t
i
d
n
o
c
n
e
v
i
g
a
t
a
g
n
i
w
s
e
g
a
t
l
o
v
t
u
p
t
u
o
o
t
t
c
e
p
s
e
r
h
t
i
w
d
e
n
i
f
e
D
:
2
E
T
O
N
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
O
1
E
T
O
N
;
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O
8
.
05
.
1V
V
L
O
1
E
T
O
N
;
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O
06
.
0V
V
X
O
2
E
T
O
N
;
e
g
a
t
l
o
V
r
e
v
o
s
s
o
r
C
t
u
p
t
u
O
0
40
6%
V
G
N
I
W
S
g
n
i
w
S
e
g
a
t
l
o
V
t
u
p
t
u
O
k
a
e
P
-
o
t
-
k
a
e
P
5
.
05
.
1V
0
5
h
t
i
w
d
e
t
a
n
i
m
r
e
t
s
t
u
p
t
u
O
:
1
E
T
O
N
Ω
.
d
n
u
o
r
g
o
t
.
n
o
i
t
i
d
n
o
c
n
e
v
i
g
a
t
a
g
n
i
w
s
e
g
a
t
l
o
v
t
u
p
t
u
o
o
t
t
c
e
p
s
e
r
h
t
i
w
d
e
n
i
f
e
D
:
2
E
T
O
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com