Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1002AI01L Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS1002AI01L
Description  FEMTOCLOCKS??CRYSTAL-TO-HSTL FREQUENCY SYNTHESIZER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1002AI01L Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS1002AI01L Datasheet HTML 1Page - Integrated Circuit Systems ICS1002AI01L Datasheet HTML 2Page - Integrated Circuit Systems ICS1002AI01L Datasheet HTML 3Page - Integrated Circuit Systems ICS1002AI01L Datasheet HTML 4Page - Integrated Circuit Systems ICS1002AI01L Datasheet HTML 5Page - Integrated Circuit Systems ICS1002AI01L Datasheet HTML 6Page - Integrated Circuit Systems ICS1002AI01L Datasheet HTML 7Page - Integrated Circuit Systems ICS1002AI01L Datasheet HTML 8Page - Integrated Circuit Systems ICS1002AI01L Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
8421002AGI-01
www.icst.com/products/hiperclocks.html
REV. A FEBRUARY 6, 2006
5
Integrated
Circuit
Systems, Inc.
ICS8421002I-01
FEMTOCLOCKS™CRYSTAL-TO-
HSTL FREQUENCY SYNTHESIZER
TABLE 5A. AC CHARACTERISTICS, V
DD = VDDA = 3.3V±5%,VDDO = 1.8V±0.2V, T
A
= -40°C TO 85°C
TABLE 5B. AC CHARACTERISTICS, V
DD = VDDA = 2.5V±5%,VDDO = 1.8V±0.2V, T
A
= -40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
T
U
O
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
0
0
=
]
0
:
1
[
L
E
S
_
F0
4
10
7
1z
H
M
1
0
=
]
0
:
1
[
L
E
S
_
F2
1
16
3
1z
H
M
0
1
=
]
0
:
1
[
L
E
S
_
F6
58
6z
H
M
t
)
o
(
k
s3
,
1
E
T
O
N
;
w
e
k
S
t
u
p
t
u
O
0
2s
p
t
)
Ø
(
t
ij
;
)
m
o
d
n
a
R
(
r
e
t
t
i
J
e
s
a
h
P
S
M
R
2
E
T
O
N
)
z
H
M
0
2
-
z
H
M
5
7
8
.
1
(
,
z
H
M
5
2
.
6
5
14
4
.
0s
p
)
z
H
M
0
2
-
z
H
M
5
7
8
.
1
(
,
z
H
M
5
2
18
4
.
0s
p
)
z
H
M
0
2
-
z
H
M
5
7
8
.
1
(
,
z
H
M
5
.
2
69
4
.
0s
p
t
R
t
/
F
e
m
i
T
ll
a
F
/
e
s
i
R
t
u
p
t
u
O%
0
8
o
t
%
0
25
1
25
1
8s
p
c
d
oe
l
c
y
C
y
t
u
D
t
u
p
t
u
O
8
42
5%
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
s
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
s
a
d
e
n
i
f
e
D
:
1
E
T
O
N
V
t
a
d
e
r
u
s
a
e
M
O
D
D
.
2
/
.
t
o
l
P
e
s
i
o
N
e
s
a
h
P
e
h
t
o
t
r
e
f
e
r
e
s
a
e
l
P
:
2
E
T
O
N
.
5
6
d
r
a
d
n
a
t
S
C
E
D
E
J
h
t
i
w
e
c
n
a
d
r
o
c
c
a
n
i
d
e
n
i
f
e
d
s
i
r
e
t
e
m
a
r
a
p
s
i
h
T
:
3
E
T
O
N
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
T
U
O
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
0
0
=
]
0
:
1
[
L
E
S
_
F0
4
10
7
1z
H
M
1
0
=
]
0
:
1
[
L
E
S
_
F2
1
16
3
1z
H
M
0
1
=
]
0
:
1
[
L
E
S
_
F6
58
6z
H
M
t
)
o
(
k
s3
,
1
E
T
O
N
;
w
e
k
S
t
u
p
t
u
O
0
2s
p
t
)
Ø
(
t
ij
;
)
m
o
d
n
a
R
(
r
e
t
t
i
J
e
s
a
h
P
S
M
R
2
E
T
O
N
)
z
H
M
0
2
-
z
H
M
5
7
8
.
1
(
,
z
H
M
5
2
.
6
5
11
4
.
0s
p
)
z
H
M
0
2
-
z
H
M
5
7
8
.
1
(
,
z
H
M
5
2
19
4
.
0s
p
)
z
H
M
0
2
-
z
H
M
5
7
8
.
1
(
,
z
H
M
5
.
2
60
5
.
0s
p
t
R
t
/
F
e
m
i
T
ll
a
F
/
e
s
i
R
t
u
p
t
u
O%
0
8
o
t
%
0
25
1
35
1
7s
p
c
d
oe
l
c
y
C
y
t
u
D
t
u
p
t
u
O
8
42
5%
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
s
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
s
a
d
e
n
i
f
e
D
:
1
E
T
O
N
V
t
a
d
e
r
u
s
a
e
M
O
D
D
.
2
/
.
t
o
l
P
e
s
i
o
N
e
s
a
h
P
e
h
t
o
t
r
e
f
e
r
e
s
a
e
l
P
2
E
T
O
N
.
5
6
d
r
a
d
n
a
t
S
C
E
D
E
J
h
t
i
w
e
c
n
a
d
r
o
c
c
a
n
i
d
e
n
i
f
e
d
s
i
r
e
t
e
m
a
r
a
p
s
i
h
T
3
E
T
O
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com