Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS421002AIL Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS421002AIL
Description  FEMTOCLOCKS??CRYSTAL-TO-HSTL FREQUENCY SYNTHESIZER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS421002AIL Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS421002AIL Datasheet HTML 1Page - Integrated Circuit Systems ICS421002AIL Datasheet HTML 2Page - Integrated Circuit Systems ICS421002AIL Datasheet HTML 3Page - Integrated Circuit Systems ICS421002AIL Datasheet HTML 4Page - Integrated Circuit Systems ICS421002AIL Datasheet HTML 5Page - Integrated Circuit Systems ICS421002AIL Datasheet HTML 6Page - Integrated Circuit Systems ICS421002AIL Datasheet HTML 7Page - Integrated Circuit Systems ICS421002AIL Datasheet HTML 8Page - Integrated Circuit Systems ICS421002AIL Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
8421002AGI
www.icst.com/products/hiperclocks.html
REV. A FEBRUARY 7, 2006
1
Integrated
Circuit
Systems, Inc.
ICS8421002I
FEMTOCLOCKS™CRYSTAL-TO-
HSTL FREQUENCY SYNTHESIZER
GENERAL DESCRIPTION
The ICS8421002I is a 2 output HSTL Synthesizer
optimized to generate Fibre Channel reference
clock frequencies and is a member of the
HiPerClocksTM family of high performance clock
solutions from ICS. Using a 26.5625MHz 18pF
parallel resonant crystal, the following frequencies can be
generated based on the 2 frequency select pins (F_SEL[1:0]):
212.5MHz, 187.5MHz, 159.375MHz, 106.25MHz and
53.125MHz. The ICS8421002I uses ICS’ 3rd generation low
phase noise VCO technology and can achieve 1ps or lower
typical rms phase jitter, easily meeting Fibre Channel jitter
requirements. The ICS8421002I is packaged in a small 20-pin
TSSOP package.
FEATURES
• Two HSTL outputs (VOHmax = 1.5V)
• Selectable crystal oscillator interface
or LVCMOS/LVTTL single-ended input
• Supports the following output frequencies: 212.5MHz,
187.5MHz, 159.375MHz, 106.25MHz, 53.125MHz
• VCO range: 560MHz - 680MHz
• RMS phase jitter @ 212.5MHz, using a 26.5625MHz crystal
(637kHz - 10MHz): 0.59ps (typical)
• Power supply modes:
Core/Output
3.3V/1.8V
2.5V/1.8V
• -40°C to 85°C ambient operating temperature
• Available in both standard an lead-free RoHS compliant
packages
HiPerClockS™
ICS
1
1
0
1
0
Phase
Detector
VCO
M = 24 (fixed)
F_SEL[1:0]
0 0
÷3 (default)
0 1
÷4
1 0
÷6
1 1
÷12
2
OSC
BLOCK DIAGRAM
t
u
p
n
I
y
c
n
e
u
q
e
r
F
)
z
H
M
(
s
t
u
p
n
I
t
u
p
t
u
O
y
c
n
e
u
q
e
r
F
)
z
H
M
(
1
L
E
S
_
F0
L
E
S
_
F
r
e
d
i
v
i
D
M
e
u
l
a
V
r
e
d
i
v
i
D
N
e
u
l
a
V
N
/
M
e
u
l
a
V
r
e
d
i
v
i
D
5
2
6
5
.
6
20
0
4
23
8
5
.
2
1
2
5
2
6
5
.
6
20
1
4
24
6
5
7
3
.
9
5
1
5
2
6
5
.
6
21
0
4
26
4
5
2
.
6
0
1
5
2
6
5
.
6
21
1
4
22
12
5
2
1
.
3
5
5
7
3
4
.
3
20
0
4
23
8
5
.
7
8
1
FREQUENCY SELECT FUNCTION TABLE
F_SEL[1:0]
nPLL_SEL
REF_CLK
XTAL_IN
XTAL_OUT
nXTAL_SEL
MR
Q0
nQ0
Q1
nQ1
Pulldown
Pulldown
26.5625MHz
Pulldown
Pulldown
Pulldown
ICS8421002I
20-Lead TSSOP
6.5mm x 4.4mm x 0.92mm
package body
G Package
Top View
nc
VDDO
Q0
nQ0
MR
nPLL_SEL
nc
VDDA
F_SEL0
VDD
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VDDO
Q1
nQ1
GND
VDD
nXTAL_SEL
REF_CLK
XTAL_IN
XTAL_OUT
F_SEL1
PIN ASSIGNMENT
The Preliminary Information presented herein represents a product in prototyping or pre-production. The noted characteristics are based on initial
product characterization. Integrated Circuit Systems, Incorporated (ICS) reserves the right to change any circuitry or specifications without notice.


Similar Part No. - ICS421002AIL

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS421002AI01 ICST-ICS421002AI01 Datasheet
198Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-HSTL FREQUENCY SYNTHESIZER
REV. A FEBRUARY 6, 2006
More results

Similar Description - ICS421002AIL

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS844004I-01 ICST-ICS844004I-01 Datasheet
172Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
REV. A JUNE 15, 2005
ICS844004I ICST-ICS844004I Datasheet
178Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
REV. A JUNE 15, 2005
ICS8421002I-01 ICST-ICS8421002I-01 Datasheet
198Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-HSTL FREQUENCY SYNTHESIZER
REV. A FEBRUARY 6, 2006
ICS8421004I-01 ICST-ICS8421004I-01 Datasheet
208Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-HSTL FREQUENCY SYNTHESIZER
REV. A MACH 29, 2005
ICS8421004I ICST-ICS8421004I Datasheet
192Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-HSTL FREQUENCY SYNTHESIZER
REV. A MARCH 29, 2005
ICS8422002I-01 ICST-ICS8422002I-01 Datasheet
195Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-LVHSTL FREQUENCY SYNTHESIZER
REV. B NOVEMBER 14, 2005
logo
Integrated Device Techn...
ICS844001-21 IDT-ICS844001-21 Datasheet
312Kb / 17P
FEMTOCLOCKS??CRYSTAL-TO-LVDS FREQUENCY SYNTHESIZER
8421002I-01 IDT-8421002I-01 Datasheet
173Kb / 15P
FemtoClock Crystal-to-HSTL Frequency Synthesizer
logo
Renesas Technology Corp
844002I-01 RENESAS-844002I-01 Datasheet
374Kb / 15P
FemtoClocks Crystal-TO-LVDS Frequency Synthesizer
6/9/15
844002-01 RENESAS-844002-01 Datasheet
413Kb / 16P
FemtoClocks–Crystal-TO-LVDS Frequency Synthesizer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com