Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS421002AIL Datasheet(PDF) 13 Page - Integrated Circuit Systems

Part # ICS421002AIL
Description  FEMTOCLOCKS??CRYSTAL-TO-HSTL FREQUENCY SYNTHESIZER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS421002AIL Datasheet(HTML) 13 Page - Integrated Circuit Systems

Back Button ICS421002AIL Datasheet HTML 5Page - Integrated Circuit Systems ICS421002AIL Datasheet HTML 6Page - Integrated Circuit Systems ICS421002AIL Datasheet HTML 7Page - Integrated Circuit Systems ICS421002AIL Datasheet HTML 8Page - Integrated Circuit Systems ICS421002AIL Datasheet HTML 9Page - Integrated Circuit Systems ICS421002AIL Datasheet HTML 10Page - Integrated Circuit Systems ICS421002AIL Datasheet HTML 11Page - Integrated Circuit Systems ICS421002AIL Datasheet HTML 12Page - Integrated Circuit Systems ICS421002AIL Datasheet HTML 13Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
8421002AGI
www.icst.com/products/hiperclocks.html
REV. A FEBRUARY 7, 2006
13
Integrated
Circuit
Systems, Inc.
ICS8421002I
FEMTOCLOCKS™CRYSTAL-TO-
HSTL FREQUENCY SYNTHESIZER
TABLE 9. ORDERING INFORMATION
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems, Incorporated (ICS) assumes no responsibility for either its use or
for infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal
commercial and industrial applications. Any other applications such as those requiring high reliability or other extraordinary environmental requirements are not recommended
without additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in
life support devices or critical medical instruments.
The aforementioned trademarks, HiPerClockS and FEMTOCLOCKS are trademarks of Integrated Circuit Systems, Inc. or its subsidiaries in the United States and/or other countries.
r
e
b
m
u
N
r
e
d
r
O
/
t
r
a
Pg
n
i
k
r
a
Me
g
a
k
c
a
Pg
n
i
g
a
k
c
a
P
g
n
i
p
p
i
h
Se
r
u
t
a
r
e
p
m
e
T
I
G
A
2
0
0
1
2
4
8
S
C
II
A
2
0
0
1
2
4
8
S
C
IP
O
S
S
T
d
a
e
L
0
2e
b
u
tC
°
5
8
o
t
C
°
0
4
-
T
I
G
A
2
0
0
1
2
4
8
S
C
II
A
2
0
0
1
2
4
8
S
C
IP
O
S
S
T
d
a
e
L
0
2l
e
e
r
&
e
p
a
t
0
0
5
2C
°
5
8
o
t
C
°
0
4
-
F
L
I
G
A
2
0
0
1
2
4
8
S
C
IL
I
A
2
0
0
1
2
4
S
C
IP
O
S
S
T
"
e
e
r
F
-
d
a
e
L
"
d
a
e
L
0
2e
b
u
tC
°
5
8
o
t
C
°
0
4
-
T
F
L
I
G
A
2
0
0
1
2
4
8
S
C
IL
I
A
2
0
0
1
2
4
S
C
IP
O
S
S
T
"
e
e
r
F
-
d
a
e
L
"
d
a
e
L
0
2l
e
e
r
&
e
p
a
t
0
0
5
2C
°
5
8
o
t
C
°
0
4
-
.
t
n
a
il
p
m
o
c
S
H
o
R
e
r
a
d
n
a
n
o
i
t
a
r
u
g
i
f
n
o
C
e
e
r
F
-
b
P
e
h
t
e
r
a
r
e
b
m
u
n
t
r
a
p
e
h
t
o
t
x
i
f
f
u
s
"
F
L
"
n
a
h
t
i
w
d
e
r
e
d
r
o
e
r
a
t
a
h
t
s
t
r
a
P
:
E
T
O
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com