Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3KP Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 3KP
Description  3000W Transient Voltage Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

3KP Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  3KP Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 3KP Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 3KP Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 3KP Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd 3KP Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHARACTERISTICS (TA=25℃, continued)
Part Number
VR
IR@VR
VBR@IT
IT
VC@IPP
IPP
①
Uni-Polar
Bi-Polar
V
μA
min(V)
max(V)
mA
max(V)
A
3KP54A
3KP54CA
54.0
1
60.00
66.30
1
87.1
34.4
3KP58A
3KP58CA
58.0
1
64.40
71.20
1
93.6
32.1
3KP60A
3KP60CA
60.0
1
66.70
73.70
1
96.8
31.0
3KP64A
3KP64CA
64.0
1
71.10
78.60
1
103.0
29.1
3KP70A
3KP70CA
70.0
1
77.80
86.00
1
113.0
26.5
3KP75A
3KP75CA
75.0
1
83.30
92.10
1
121.0
24.8
3KP78A
3KP78CA
78.0
1
86.70
95.80
1
126.0
23.8
3KP85A
3KP85CA
85.0
1
94.40
104.0
1
137.0
21.9
3KP90A
3KP90CA
90.0
1
100.0
111.0
1
146.0
20.5
3KP100A
3KP100CA
100.0
1
100.0
111.0
1
162.0
18.5
3KP110A
3KP110CA
110.0
1
111.0
123.0
1
177.0
16.9
3KP120A
3KP120CA
120.0
1
122.0
135.0
1
193.0
15.5
3KP130A
3KP130CA
130.0
1
133.0
147.0
1
209.0
14.4
3KP150A
3KP150CA
150.0
1
144.0
159.0
1
243.0
12.3
3KP160A
3KP160CA
160.0
1
167.0
185.0
1
259.0
11.6
3KP170A
3KP170CA
170.0
1
178.0
197.0
1
275.0
10.9
3KP180A
3KP180CA
180.0
1
189.0
209.0
1
292.0
10.3
3KP190A
3KP190CA
190.0
1
211.0
233.0
1
310.0
9.7
3KP200A
3KP200CA
200.0
1
224.0
247.0
1
329.2
9.3
3KP210A
3KP210CA
210.0
1
237.0
263.0
1
349.5
8.8
3KP220A
3KP220CA
220.0
1
246.0
272.0
1
371.1
8.4
① Surge waveform: 10/1000μs
VR :Stand-off Voltage -- Maximum voltage that can be applied
VBR:Breakdown Voltage
VC:Clamping Voltage -- Peak voltage measured across the suppressor at a specified Ipp
IR:Reverse Leakage Current
Rev :
www.leiditech.com
01.06.2014
3/5
3KP Series 3000W Transient Voltage Suppressor



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com