Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3KP Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 3KP
Description  3000W Transient Voltage Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

3KP Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  3KP Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 3KP Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 3KP Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 3KP Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd 3KP Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3KP Series 3000W Transient Voltage Suppressor
DESCRIPTION:
The 3KP series of high current uni/bi-directional transient
suppressors are designed for A.C. line protection and high
power DC bus clamping applications. These devices offer
uni/bi-directional port protection from 5.0 volts to 220 volts.
They provide a clamping voltage lower than the avalanche
voltage. Therefore, any voltage rise due to increased
current conduction is contained to a minimum, providing
the best possible protection level. They can also be
connected in series and/or parallel to create very high
capacity protection solutions.
FEATURES:
 Low zener impedance.
 Excellent clamping capability.
 JEDEC R-6/P-600 Molded Plastic.
 Repetition rate (duty cycle): 0.01%.
 Color band denoted cathode except bidirectional.
 High temperature soldering: 260℃/10s at terminals.
 Glass passivated chip junction in R-6/P600 package.
 3000W Peak Pulse power capability at 10×1000μs waveform.
 Fast response time: typically less than 1.0ps from 0V to VBR min.
ABSOLUTE MAXIMUM RATINGS (T
A=25ºC, RH=45%-75%, unless otherwise noted)
Parameter
Symbol
Value
Unit
Peak pulse power dissipation on 10/1000μs
waveform
PPP
3000
W
Peak pulse current of on 10/1000μs
waveform
IPP
See next table
A
Steady state power dissipation at TL=75℃
PM(AV)
6.5
W
Operating junction and Storage temperature
range
TSTG, TJ
-55 to +125
℃
Peak forward surge current, 8.3ms single
half sine-wave
IFSM
300
A
Rev :
www.leiditech.com
01.06.2014
1/5
 AEC-Q101 qualified.


Similar Part No. - 3KP

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
3KP PANJIT-3KP Datasheet
173Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
logo
Surge Components
3KP SURGE-3KP Datasheet
206Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 170 Volts?
logo
Won-Top Electronics
3KP WTE-3KP Datasheet
68Kb / 5P
3000W TRANSIENT VOLTAGE SUPPRESSORS
logo
DB Lectro Inc
3KP DBLECTRO-3KP Datasheet
149Kb / 3P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 180 Volts 3000 watt Peak Pulse Power
logo
CHENG-YI ELECTRONIC CO....
3KP CHENG-YI-3KP Datasheet
139Kb / 2P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 3KP

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
3KP WTE-3KP_06 Datasheet
82Kb / 6P
3000W TRANSIENT VOLTAGE SUPPRESSOR
3KP180 WTE-3KP180 Datasheet
72Kb / 5P
3000W TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
3KP5.0A TAITRON-3KP5.0A Datasheet
222Kb / 6P
3000W Transient Voltage Suppressor
logo
Weitron Technology
3.0SMCJ WEITRON-3.0SMCJ Datasheet
330Kb / 4P
3000W Surface Mount Transient Voltage Suppressor
logo
Frontier Electronics.
3.0SMCJ5.0 FRONTIER-3.0SMCJ5.0 Datasheet
192Kb / 4P
3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
3.0SMCJ58A-13 DIODES-3.0SMCJ58A-13 Datasheet
99Kb / 4P
3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev erse
logo
Comchip Technology
3KP-G COMCHIP-3KP-G Datasheet
308Kb / 5P
3000W Transient Voltage Suppressor
3KP-HF COMCHIP-3KP-HF Datasheet
308Kb / 5P
3000W Transient Voltage Suppressor
logo
WeEn Semiconductors
SMDJ WEEN-SMDJ Datasheet
591Kb / 7P
3000W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
SMB30J LEIDITECH-SMB30J Datasheet
656Kb / 4P
3000W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com