Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20KP Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 20KP
Description  20KW Transient Voltage Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

20KP Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  20KP Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 20KP Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 20KP Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 20KP Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd 20KP Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS (TA=25℃)
Part Number
VR
IR@VR
VBR@IT
IT
VC@IPP
IPP
①
Uni-Polar
Bi-Polar
V
μA
min(V)
max(V)
mA
max(V)
A
20KP20A
20KP20CA
20.0
5000
22.20
24.50
5
36.8
543.5
20KP24A
20KP24CA
24.0
5000
26.70
29.50
5
41.2
485.4
20KP26A
20KP26CA
26.0
2000
28.90
31.90
5
44.7
447.4
20KP28A
20KP28CA
28.0
1000
31.10
34.40
5
48.0
416.7
20KP30A
20KP30CA
30.0
250
33.30
36.80
5
51.5
388.3
20KP32A
20KP32CA
32.0
150
35.74
38.40
5
54.3
368.3
20KP34A
20KP34CA
34.0
50
38.00
40.80
5
57.5
347.8
20KP36A
20KP36CA
36.0
20
40.20
44.20
5
61.5
325.2
20KP40A
20KP40CA
40.0
15
44.40
49.10
5
67.8
295.0
20KP44A
20KP44CA
44.0
2
49.10
52.80
5
72.7
275.1
20KP48A
20KP48CA
48.0
2
53.30
58.90
5
79.4
251.9
20KP52A
20KP52CA
52.0
2
58.10
62.40
5
85.8
233.1
20KP56A
20KP56CA
56.0
2
62.60
67.20
5
92.6
216.0
20KP60A
20KP60CA
60.0
2
66.70
73.70
5
97.6
204.9
20KP64A
20KP64CA
64.0
2
71.10
78.60
5
104.0
192.3
20KP68A
20KP68CA
68.0
2
76.00
81.60
5
110.0
181.8
20KP72A
20KP72CA
72.0
2
80.40
86.40
5
116.0
172.4
20KP80A
20KP80CA
80.0
2
89.40
96.00
5
130.0
153.8
20KP88A
20KP88CA
88.0
2
98.30
105.60
5
142.0
140.8
20KP96A
20KP96CA
96.0
2
107.20
115.20
5
155.0
129.0
20KP104A
20KP104CA
104.0
2
116.20
124.80
5
168.0
119.0
20KP112A
20KP112CA
112.0
2
125.10
134.40
5
182.0
109.9
20KP120A
20KP120CA
120.0
2
134.00
144.00
5
194.0
103.1
20KP132A
20KP132CA
132.0
2
147.40
158.40
5
213.0
93.9
20KP144A
20KP144CA
144.0
2
160.80
172.80
5
232.0
86.2
20KP160A
20KP160CA
160.0
2
178.70
185.0
5
258.0
77.5
20KP172A
20KP172CA
172.0
2
192.10
206.40
5
277.0
72.2
20KP180A
20KP180CA
180.0
2
201.10
216.00
5
291.0
68.7
20KP192A
20KP192CA
192.0
2
214.50
230.40
5
309.0
64.7
20KP204A
20KP204CA
204.0
2
227.90
244.80
5
329.0
60.8
Rev :
www.leiditech.com
01.06.2014
2/5
20KP Series 20KW Transient Voltage Suppressor



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com