Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20KP Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 20KP
Description  20KW Transient Voltage Suppressor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

20KP Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  20KP Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 20KP Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 20KP Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 20KP Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd 20KP Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
20KP Series 20KW Transient Voltage Suppressor
DESCRIPTION:
The 20KP series of high current uni/bi-directional transient
suppressors are designed for A.C. line protection and high
power DC bus clamping applications. These devices offer
uni/bi-directional port protection from 20 volts to 300 volts.
They provide a clamping voltage lower than the avalanche
voltage. Therefore, any voltage rise due to increased
current conduction is contained to a minimum, providing
the best possible protection level. They can also be
connected in series and/or parallel to create very high
capacity protection solutions.
FEATURES:
 Low zener impedance.
 Excellent clamping capability.
 JEDEC R-6/P-600 Molded Plastic.
 Repetition rate (duty cycle): 0.01%.
 Color band denoted cathode except bidirectional.
 High temperature soldering: 260℃/10s at terminals.
 Glass passivated chip junction in R-6/P600 package.
 20000W Peak Pulse power capability at 10×1000μs waveform.
 Fast response time: typically less than 1.0ps from 0V to VBR min.
ABSOLUTE MAXIMUM RATINGS (T
A=25ºC, RH=45%-75%, unless otherwise noted)
Parameter
Symbol
Value
Unit
Peak pulse power dissipation on 10/1000μs
waveform
PPP
20000
W
Peak pulse current of on 10/1000μs
waveform
IPP
See next table
A
Steady state power dissipation at TL=75℃
PM(AV)
8
W
Operating junction and Storage temperature
range
TSTG, TJ
-55 to +125
℃
Peak forward surge current, 8.3ms single
half sine-wave
IFSM
400
A
Symbol
Rev :
www.leiditech.com
01.06.2014
1/5
 AEC-Q101 qualified.


Similar Part No. - 20KP

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
20KP NJSEMI-20KP Datasheet
136Kb / 3P
TRANSIENT VOLTAGE SUPPRESSORS
logo
FutureWafer Tech Co.,Lt...
20KP FUTUREWAFER-20KP Datasheet
879Kb / 9P
20000W Transient Voltage Suppression Diodes
20-JUL-2021 V 2.0
logo
UN Semiconducctor INC
20KP UNSEMI-20KP Datasheet
3Mb / 6P
20000W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Won-Top Electronics
20KP WTE-20KP Datasheet
104Kb / 5P
20000W TRANSIENT VOLTAGE SUPPRESSOR
February, 2014
logo
MDE Semiconductor, Inc.
20KP104A MDE-20KP104A Datasheet
30Kb / 3P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 20KP

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Galaxy Semi-Conductor H...
P6KE6.8 BILIN-P6KE6.8 Datasheet
256Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
1N6267 BILIN-1N6267 Datasheet
119Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
20KPA20A TAITRON-20KPA20A Datasheet
211Kb / 6P
20KW Transient Voltage Suppressor
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
List of Unclassifed Man...
SMAJ5913 ETC2-SMAJ5913 Datasheet
293Kb / 3P
Transient Voltage Suppressor
SMBJ5913 ETC2-SMBJ5913 Datasheet
205Kb / 3P
Transient Voltage Suppressor
SMCJ5629 ETC2-SMCJ5629 Datasheet
322Kb / 4P
Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com