Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

511 Datasheet(PDF) 4 Page - Peregrine Semiconductor Corp.

Part # 511
Description  1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

511 Datasheet(HTML) 4 Page - Peregrine Semiconductor Corp.

  511 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 511 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 511 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 511 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 511 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 511 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 511 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 511 Datasheet HTML 8Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Product Specification
PE3511
Page 4 of 9
©2003-2008 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0106-06
│ UltraCMOS™ RFIC Solutions
Figure 4. Test Circuit Block Diagram
Figure 5. AC Test Circuit
GND
IN
VDD
GND
OUT
N/C
1
2
34
5
6
PE3511
50 Ohm
100 pF
100 pF
1000 pF
VDD
3V +/- 0.15 V
100 pF
50 Ohm
Spectrum
Analyzer
Signal
Generator
PE3511
Pulse
Generator
R
L
C
L
R
T
V
DD
R
T = Zout of pulse generator
(usually 50 ohm)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com