Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

511 Datasheet(PDF) 1 Page - Peregrine Semiconductor Corp.

Part # 511
Description  1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

511 Datasheet(HTML) 1 Page - Peregrine Semiconductor Corp.

  511 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 511 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 511 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 511 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 511 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 511 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 511 Datasheet HTML 7Page - Peregrine Semiconductor Corp. 511 Datasheet HTML 8Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Page 1 of 9
©2003-2008 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0106-06
│ www.psemi.com
VDD = 3.0 V, -40° C ≤ TA ≤ 85° C, unless otherwise specified
The PE3511 is a high-performance static UltraCMOS™
prescaler with a fixed divide ratio of 2. Its operating frequency
range is DC to 1500 MHz. The PE3511 operates on a nominal
3 V supply and draws only 8 mA. The input and output
interfaces support both AC-coupled, low-Z RF as well as direct
connection to low voltage positive logic devices. It is packaged
in a small 6-lead SC-70 and is ideal for frequency scaling
solutions
The PE3511 is manufactured on Peregrine’s UltraCMOS™
process, a patented variation of silicon-on-insulator (SOI)
technology on a sapphire substrate, offering the performance
of GaAs with the economy and integration of conventional
CMOS.
Product Specification
1500 MHz Low Power UltraCMOS™
Divide-by-2 Prescaler
Product Description
Figure 1. Functional Schematic Diagram
PE3511
Features
• DC to 1500 MHz operation
• Fixed divide ratio of 2
• Low-power consumption: 8 mA typical
@ 3V
• RF or LV Digital Interface
• Ultra-small package: 6-lead SC-70
Table 1. Electrical Specifications (ZS = ZL = 50 Ω)
Figure 2. Package Type
6-lead SC70
PREAMP
DRIVER
OUTPUT BUFFER
D
Q
CLK
QB
IN
OUT
Parameter
Conditions
Minimum
Typical
Maximum
Units
Supply Voltage
2.85
3.0
3.15
V
Supply Current
8
12
mA
Input Frequency (Fin)
DC
1500
MHz
Input Power (Pin)
DC <
Fin ≤ 1000 MHz (Note 1)
-10
+10
dBm
1000 MHz < Fin
≤ 1500
0
dBm
Output Power (Pout)
DC < Fin
≤ 1500 MHz
2
dBm
Note 1:
CMOS logic levels can be used to drive the reference input if DC coupled. Voltage input needs to be a minimum of 0.5 Vp-p. The
input edge rate should be faster than 80mV/ns from DC - 10 MHz.


Similar Part No. - 511

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
511 MARL-511 Datasheet
432Kb / 5P
횠12.7mm mounting Robust bright nickel plated brass housing
logo
List of Unclassifed Man...
511 ETC2-511 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
API Technologies Corp
511 APITECH-511 Datasheet
57Kb / 1P
COAXIAL RESONATOR OSCILLATOR
511 APITECH-511 Datasheet
57Kb / 1P
COAXIAL RESONATOR OSCILLATOR
511 APITECH-511 Datasheet
57Kb / 1P
COAXIAL RESONATOR OSCILLATOR
More results

Similar Description - 511

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE3501 PEREGRINE-PE3501 Datasheet
204Kb / 8P
3500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
PE3512 PEREGRINE-PE3512 Datasheet
224Kb / 8P
1500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler
PE3513 PEREGRINE-PE3513 Datasheet
224Kb / 8P
1500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler
PE9311 PEREGRINE-PE9311 Datasheet
178Kb / 7P
1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler Rad hard for Space Applications
PE83511 PEREGRINE-PE83511_06 Datasheet
262Kb / 7P
DC - 1500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Military Operating Temperature Range
PE3501 PEREGRINE-PE3501_08 Datasheet
242Kb / 9P
3500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
logo
Peregrine Semiconductor
PE3511 PSEMI-PE3511 Datasheet
260Kb / 9P
1500 MHz Low Power UltraCMOS Divide-by-2 Prescaler
PE3513 PSEMI-PE3513 Datasheet
260Kb / 9P
1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler
PE9311 PSEMI-PE9311 Datasheet
168Kb / 7P
1500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad hard for Space Applications
logo
Peregrine Semiconductor...
PE3511 PEREGRINE-PE3511 Datasheet
260Kb / 9P
1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com