Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7637 Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 7637
Description  Power TVS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

7637 Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  7637 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 7637 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 7637 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 7637 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS (TA=25℃)
Part Number
VR
IR@VR
VBR@IT
IT
VC@IPP
IPP
①
Bi-Polar
V
μA
min(V)
max(V)
mA
max(V)
A
7637-30CA
30
10
33.3
36.8
10
48.4
6000
33
10
36.7
40.6
10
53.3
6000
① Surge waveform: 8/20 μs
VR :Stand-off Voltage -- Maximum voltage that can be applied
VBR:Breakdown Voltage
VC:Clamping Voltage -- Peak voltage measured across the suppressor at a specified Ipp
IR:Reverse Leakage Current
Rev :
www.leiditech.com
01.06.2014
2/4
7637-33CA
Figure — Test pulse 5a
Table — Parameters for test pulse 5a
Parameter
12 V system
24 V system
Us
65 V to 87 V
123 V to 174 V
Ri
0,5
Ω to 4 Ω
1
Ω to 8 Ω
td
40 ms to 400 ms
100 ms to 350 ms
tr
( )0
5
10
ms
−



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com