Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7637 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 7637
Description  Power TVS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

7637 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  7637 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 7637 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 7637 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 7637 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DESCRIPTION:
The series of high current uni/bi-directional transient
suppressors are designed for A.C. line protection and high
power DC bus clamping applications. These devices offer
uni/bi-directional port protection from 30 volts to 33 volts.
They provide a clamping voltage lower than the avalanche
voltage. Therefore, any voltage rise due to increased
current conduction is contained to a minimum, providing
the best possible protection level. They can also be
connected in series and/or parallel to create very high
capacity protection solutions.
FEATURES:
 Low zener impedance.
 Excellent clamping capability.
 Repetition rate (duty cycle): 0.01%.
 Color band denoted cathode except bidirectional.
 High temperature soldering: 260℃/10s at terminals.
 Glass passivated chip junction
 Fast response time: typically less than 1.0ps from 0V to VBR min.
ABSOLUTE MAXIMUM RATINGS (T
A=25ºC, RH=45%-75%, unless otherwise noted)
Parameter
Symbol
Value
Unit
6000
Peak pulse current of on 10/1000μs
waveform
IPP
A
Steady state power dissipation at TL=75℃
PM(AV)
10
W
Operating junction and Storage temperature
range
TSTG, TJ
-55 to +150
℃
Peak forward surge current, 8.3ms single
half sine-wave
IFSM
1000
A
Symbol
Rev :
www.leiditech.com
01.06.2014
1/4
 lSO7637-2 qualified.
7637 Series Power TVS


Similar Part No. - 7637

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
7637 GILWAY-7637 Datasheet
33Kb / 1P
T-1 Subminiature Lamps
logo
List of Unclassifed Man...
7637 ETC2-7637 Datasheet
104Kb / 2P
CABLE CLAMPS AND TIES
logo
C&K Components
763701000 CK-COMPONENTS-763701000 Datasheet
1Mb / 14P
7000 Series Miniature Toggle Switches
763701000 CK-COMPONENTS-763701000 Datasheet
1Mb / 14P
Miniature Toggle Switches
763701000 CK-COMPONENTS-763701000 Datasheet
1Mb / 14P
Multi-pole and multi-position
More results

Similar Description - 7637

ManufacturerPart #DatasheetDescription
logo
Protek Devices
30KPA30A PROTEC-30KPA30A Datasheet
81Kb / 4P
POWER TVS COMPONENT
15KP PROTEC-15KP Datasheet
88Kb / 5P
POWER TVS COMPONENT
15KPA PROTEC-15KPA Datasheet
72Kb / 5P
POWER TVS COMPONENT
15KP17A PROTEC-15KP17A_07 Datasheet
65Kb / 5P
POWER TVS COMPONENT
30KPA30A PROTEC-30KPA30A_07 Datasheet
60Kb / 4P
POWER TVS COMPONENT
P30KP30A PROTEC-P30KP30A Datasheet
404Kb / 5P
30kW power tvs component
P15KP17 PROTEC-P15KP17_12 Datasheet
427Kb / 7P
15kW POWER TVS COMPONENT
logo
SeCoS Halbleitertechnol...
P4KE SECOS-P4KE_15 Datasheet
57Kb / 3P
400W Peak Power TVS
P6KE SECOS-P6KE_15 Datasheet
110Kb / 3P
600W Peak Power TVS
logo
Protek Devices
P15KP17 PROTEC-P15KP17_15 Datasheet
308Kb / 7P
15kW POWER TVS COMPONENT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com