Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC05CIQ Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LC05CIQ
Description  1-Line Low Capacitance Bi-directional TVS Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LC05CIQ Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LC05CIQ Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LC05CIQ Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LC05CIQ Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LC05CIQ Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics(TA=25°C unless otherwise specified)
Rev 2.0 :
www.leiditech.com
2/4
LC05CI
Q
01.07.2021
Parameter
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Working Voltage
VRWM
5
V
Breakdown Voltage
VBR
6
V
IT = 1mA
Reverse Leakage Current
IR
0.2
µA
VRWM = 5V
Clamping Voltage
VC
10
V
IPP = 1A (8 x 20 s pulse)
Clamping Voltage
VC
20
V
IPP = 18A (8 x 20 s pulse)
Junction Capacitance
CJ
0.6
pF
V = 0V, f = 1MHz
μ
μ
R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com