Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC05CIQ Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LC05CIQ
Description  1-Line Low Capacitance Bi-directional TVS Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LC05CIQ Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LC05CIQ Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LC05CIQ Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LC05CIQ Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LC05CIQ Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
●
●
●
●
●
Applications
●
●
●
●
Dimensions SOD-323
Pin Configuration
Mechanical Characteristics
●
●
●
●
●
Absolute Maximum Ratings(Tamb=25°C unless otherwise specified)
Parameter
Symbol
Value
Unit
Peak Pulse Power (8/20µs)
Ppp
350
W
ESD per IEC 61000−4−2 (Air)
VESD
±
Kv
ESD per IEC 61000−4−2 (Contact)
±
Operating Temperature Range
TJ
-55 to +125
℃
Storage Temperature Range
TSTJ
-55 to +150
℃
LC05CI
Q
1-Line Low Capacitance Bi-directional TVS Diode
450W peak pulse power (8/20μs)
Ultra low capacitance: 0.6pF typical
Ultra low leakage: nA level
Low operating voltage: 5V
Low clamping voltage
Protects one power line or data line
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact discharge: ±30kV
– IEC61000-4-4 (EFT) 80A (5/50ns)
– IEC61000-4-5 (Lightning) 18A (8/20 μs)
RoHS Compliant
●
●
●
USB Ports
Smart Phones
Wireless Systems
Ethernet 10/100/1000 Base T
Package: SOD-323
Lead Finish: Matte Tin
Case Material: “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 3 per J-STD-020
Terminal Connections: See Diagram Below
Device Marking:AC
●
●
30
30
Set-top box and digital TV
●
Digital video interface (DVI)
●
●
SIM Ports
Rev 2.0 :
www.leiditech.com
01.07.2021
1/4
●
AEC-Q101 qualified


Similar Part No. - LC05CIQ

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LC05CI LEIDITECH-LC05CI Datasheet
132Kb / 3P
USB 2.0 power and data line
logo
Shanghai Shunye Electro...
LC05CI SHUNYE-LC05CI Datasheet
4Mb / 7P
LCxxCI Series 1-Line Low Capacitance Bi-directional TVS Diode
More results

Similar Description - LC05CIQ

ManufacturerPart #DatasheetDescription
logo
Applied Power Microelec...
AR0511D3 APMICRO-AR0511D3 Datasheet
759Kb / 4P
1-Line Low Capacitance Bi-directional TVS Diode
AR0611D3H APMICRO-AR0611D3H Datasheet
623Kb / 4P
1-Line Low Capacitance Bi-directional TVS Diode
AR0811D3 APMICRO-AR0811D3 Datasheet
1Mb / 4P
1-Line Low Capacitance Bi-directional TVS Diode
AR1211D3 APMICRO-AR1211D3 Datasheet
759Kb / 4P
1-Line Low Capacitance Bi-directional TVS Diode
AR2411D3 APMICRO-AR2411D3 Datasheet
518Kb / 4P
1-Line Low Capacitance Bi-directional TVS Diode
AU0561P0 APMICRO-AU0561P0 Datasheet
585Kb / 4P
1-Line Bi-directional Low Capacitance TVS Diode
logo
TECH PUBLIC Electronics...
ESD3V3B03-323 TECHPUBLIC-ESD3V3B03-323 Datasheet
2Mb / 4P
1-Line Low Capacitance Bi-directional TVS Diode
TPGC03C-TPGC30C TECHPUBLIC-TPGC03C-TPGC30C Datasheet
3Mb / 6P
1-Line Low Capacitance Bi-directional TVS Diode
logo
Shanghai Leiditech Elec...
WS05DLC-B LEIDITECH-WS05DLC-B Datasheet
1Mb / 4P
1-Line Low Capacitance Bi-directional TVS Diode
ULC0542CT LEIDITECH-ULC0542CT Datasheet
1Mb / 4P
1-Line Bi-directional Low Capacitance TVS Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com