Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDT4635-561K Datasheet(PDF) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LDT4635-561K
Description  Specifications for Chip Varistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LDT4635-561K Datasheet(HTML) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LDT4635-561K Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LDT4635-561K Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LDT4635-561K Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LDT4635-561K Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LDT4635-561K Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev :
www.leiditech.com
5/5
01.08.2021
(2)建议焊接曲线 Recommended Soldering Profile
无铅锡膏:
Sn/Ag/Cu (96.5/3.0/0.5)
最高温度时最长焊接时间:
10s
允许回流焊次数:最多
2 次
Pb Free Solder Paste: Sn/Ag/Cu (96.5/3.0/0.5).
Max time at max temp: 10sec.
Allowed Reflow time: 2x Max
8
注意事项 Notes & Warnings
储存
1.初始包装贮存温度:-10℃~+ 40℃。
2.相对湿度:≤70%RH。
3.远离腐蚀性气体和阳光。
4.储存期:12 个月。
Storage
1.Storage temperature in original packaging: -10~+40℃.
2. Relative Humidity: ≤70%RH.
3. Keep away from corrosive atmosphere and sunlight.
4. Period of Storage: 12 Months.
LDT4635-391K~LDT4635-561K



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com