Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDT4635-561K Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LDT4635-561K
Description  Specifications for Chip Varistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LDT4635-561K Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LDT4635-561K Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LDT4635-561K Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LDT4635-561K Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LDT4635-561K Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LDT4635-561K Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Specifications for Chip Varistor
LDT4635-391K~LDT4635-561K
Rev :
www.leiditech.com
01.08.2021
1/5
2
产品标识(料号) Product Identification(Part Number)
L
DT
4635
-
391
K
①
②
③
④
⑤
①
Enterprise Code
L
DT
片式压敏电阻 Chip Varistor
③ 应用代号 Application Code
-
-
压敏电压公差
Tolerance of Varistor Voltage
K
压敏电压
Varistor Voltage @ 1mA
391
390V
L
±10%
-10%
② 外形尺寸
inch (mm) External Dimension A×B×D
4635
4×11.9×8.2
1
外形尺寸和部件组成
Shape & Dimensions and Parts &Components
外形尺寸:见图
1 和表 1
部件组成:见图
2 和表 2
Shape & Dimensions: See Fig.1 and Table 1.
Parts &Components: See Fig.2 and Table 2
图 1 Fig.1
图 2 Fig.2
表 1 (Table 1)
类型
Type
A(mm) B(mm) C(mm)
F(mm)
4635
4±0.1
11.9±0.1
8.2±0.1
表 2 (Table 2)
部分
Part
①
②
③
组成
D(mm) E(mm)
9.9±0.1
5±0.1
1.7±0.1


Similar Part No. - LDT4635-561K

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LDT4032 LEIDITECH-LDT4032 Datasheet
524Kb / 7P
SMD Disc Varisttors
LDT4032-271H LEIDITECH-LDT4032-271H Datasheet
524Kb / 7P
SMD Disc Varisttors
LDT4032-391H LEIDITECH-LDT4032-391H Datasheet
524Kb / 7P
SMD Disc Varisttors
LDT4032-431H LEIDITECH-LDT4032-431H Datasheet
524Kb / 7P
SMD Disc Varisttors
LDT4032-471H LEIDITECH-LDT4032-471H Datasheet
524Kb / 7P
SMD Disc Varisttors
More results

Similar Description - LDT4635-561K

ManufacturerPart #DatasheetDescription
logo
AZ Displays
AGM1264M AZDISPLAYS-AGM1264M Datasheet
846Kb / 13P
SPECIFICATIONS FOR SPECIFICATIONS FOR
logo
Suntan Capacitors
TSVC SUNTAN-TSVC Datasheet
146Kb / 2P
MULITLAYER CHIP VARISTOR
logo
List of Unclassifed Man...
MV04E050T101 ETC-MV04E050T101 Datasheet
240Kb / 9P
Multilayer Chip Varistor for Surge
MV04L04T-080 ETC-MV04L04T-080 Datasheet
322Kb / 9P
Multilayer Chip Varistor for Surge
logo
Abracon Corporation
AMCV-0402LC ABRACON-AMCV-0402LC Datasheet
1Mb / 3P
SMD Multilayer Chip Varistor
11.30.12
AMCV-0603LC ABRACON-AMCV-0603LC Datasheet
1Mb / 3P
SMD Multilayer Chip Varistor
11.30.12
AMCV-0201-5R5 ABRACON-AMCV-0201-5R5 Datasheet
1Mb / 4P
SMD Multilayer Chip Varistor
11.30.12
logo
Suntan Capacitors
TSVC SUNTAN-TSVC_17 Datasheet
364Kb / 2P
MULITLAYER CHIP VARISTOR
logo
WALSIN TECHNOLOGY CORPO...
MLV_VZ WALSIN-MLV_VZ Datasheet
1,011Kb / 49P
MULTILAYER CHIP VARISTOR
logo
Shanghai Leiditech Elec...
LDT3225-391K LEIDITECH-LDT3225-391K Datasheet
694Kb / 5P
Specifications for Chip Varistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com