Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM1235P6 Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LSM1235P6
Description  Asymmetrical TVS Diode for Dual Extended Common-Mode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LSM1235P6 Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LSM1235P6 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LSM1235P6 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LSM1235P6 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LSM1235P6 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LSM1235P6 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics(TA=25°C unless otherwise specified)
(V)
(V)
@1A
(µA)
(pF)
(max.)
(min.)
(mA)
(max.)
(max.)
(@A)
(max.)
(max.)
11
1
50
12
13.3
1
20
30
VC
VC
IR
CT
LM1235P6
SM12
35P6
Pin 1, 3,
4, 6 to
Pin 2 & 5
35
36.5
1
53
60
4
1
28
Pin 2 & 5
to Pin 1,
3, 4, 6
PART NUMBER
DEVICE
MARKING
PATH
VRWM
VB
IT
LM1235P6
Rev :
www.leiditech.com
01.06.2017
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com