Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM1235P6 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LSM1235P6
Description  Asymmetrical TVS Diode for Dual Extended Common-Mode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LSM1235P6 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LSM1235P6 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LSM1235P6 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LSM1235P6 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LSM1235P6 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LSM1235P6 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
●
●
●
●
●
Applications
●
●
●
●
●
Pin Configuration
Mechanical Characteristics
●
●
●
●
●
Absolute Maximum Ratings(Tamb=25°C unless otherwise specified)
DFN3020P6
Dimensions
●
Asymmetrical TVS Diode for Dual Extended Common-Mode
LM1235P6
240 ~ 330 Watts Peak Pulse Power per Line (tp=8/20µs)
Protects Four Lines
Low Clamping Voltage
Working Voltages : 35V
Low Leakage Current
IEC61000-4-2 (ESD) ±25kV (air), ±15kV (contact)
IEC61000-4-4 (EFT) 40A (5/50ηs)
IEC61000-4-5 (LIGHTING) 4A (8/20μs) -- Pin 2 & 5 to Pin 1 or 3
IEC61000-4-5 (LIGHTING) 4A (8/20μs) -- Pin 2 & 5 to Pin 4 or 6
IEC61000-4-5 (LIGHTING) 11A (8/20μs) -- Pin 1 or 3 to Pin 2 & 5
IEC61000-4-5 (LIGHTING) 11A (8/20μs) -- Pin 4 or 6 to Pin 2 or 5
●
●
●
●
●
●
Dual 35V Power Line
Two Wire DC High-Side and Low-Side
Digital Sensor Input Protection
Industrial Controls
Battery, Power Lines
DFN3020P6 Package
Molding Compound Flammability Rating : UL 94V-O
Weight 12 Milligrams (Approximate)
Quantity Per Reel : 3,000pcs
Reel Size : 7 inch
Lead Finish : Lead Free
Storage Temperature Range
TSTG
-55 ~ 150
℃
PPP
330
Watts
SYMBOL
VALUE
PPP
240
UNITS
Watts
Lead Soldering Temperature
TL
260 (10 sec.)
℃
Operating Temperature Range
TJ
-40 ~ 125
℃
PARAMETER
Peak Pulse Power (tp=8/20μs waveform) -- Pin 2 & 5 to Pin 1, 3, 4, 6
Peak Pulse Power (tp=8/20μs waveform) -- Pin 1, 3, 4, 6 to Pin 2 & 5
Rev :
www.leiditech.com
01.06.2017
1/5


Similar Part No. - LSM1235P6

ManufacturerPart #DatasheetDescription
logo
RFE international
LSM101M2G220300 RFE-LSM101M2G220300 Datasheet
173Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS LSM Series: Snap-in, 105째C
LSM101M2G220300 RFE-LSM101M2G220300 Datasheet
830Kb / 7P
Aluminum Electrolytic Capacitors LSM Series: Snap In, 105 C
AUG-30-2023
logo
Murata Manufacturing Co...
LSM10A-D3 MURATA-LSM10A-D3 Datasheet
428Kb / 13P
Single Output, Non-Isolated, 3.3VIN, 0.8-2.5VOUT 10 Amp DC/DC?셲 in SMT Packages
LSM10A-D5 MURATA-LSM10A-D5 Datasheet
400Kb / 13P
Single Output, Non-Isolated, 5VIN, 0.8-3.3VOUT, 10A, DC/DCs in SMT Packages
logo
Microsemi Corporation
LSM115J MICROSEMI-LSM115J Datasheet
99Kb / 2P
1 Amp Ultra Low Forward Voltage Schottky Diode
More results

Similar Description - LSM1235P6

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SM712 SEMTECH-SM712 Datasheet
147Kb / 6P
Asymmetrical TVS Diode for Extended Common-Mode RS-485
logo
KEC(Korea Electronics)
PG712FBS23 KEC-PG712FBS23 Datasheet
401Kb / 3P
Asymmetrical TVS Diode for Extended Common-Mode RS-485
logo
Semtech Corporation
SM712 SEMTECH-SM712_04 Datasheet
147Kb / 6P
Asymmetrical TVS Diode for Extended Common-Mode RS-485
logo
StarHope
TESD712G2B SPSEMI-TESD712G2B Datasheet
501Kb / 3P
Asymmetrical TVS Diode for Extended Common-Mode RS-485
logo
Diotech Company.
SM712 DIOTECH-SM712 Datasheet
1Mb / 4P
Asymmetrical TVS Diode for Extended Common-Mode RS-485
logo
SHIKUES Electronics
SM712 SKTECHNOLGY-SM712 Datasheet
649Kb / 4P
Asymmetrical TVS Diode for Extended Common-Mode RS-485
logo
First Silicon Co., Ltd
FTV712G2B FS-FTV712G2B Datasheet
388Kb / 3P
Asymmetrical TVS Diode for Extended Common-Mode RS-485
logo
Shanghai Leiditech Elec...
LM1235P6 LEIDITECH-LM1235P6 Datasheet
2Mb / 5P
Asymmetrical TVS Diode for Dual Extended Common-Mode
logo
Rectron Semiconductor
RSM712 RECTRON-RSM712 Datasheet
121Kb / 5P
Asymmetrical TVS Diode for Extended Common-Mode RS-485
logo
Shenzhen Luguang Electr...
SM712 LUGUANG-SM712 Datasheet
1Mb / 4P
Asymmetrical TVS Diode for Extended Common-Mode RS-485
Revision:20170701-P1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com